Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268LC Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7268LC Datasheet HTML 1Page - Infineon Technologies AG TLE7268LC Datasheet HTML 2Page - Infineon Technologies AG TLE7268LC Datasheet HTML 3Page - Infineon Technologies AG TLE7268LC Datasheet HTML 4Page - Infineon Technologies AG TLE7268LC Datasheet HTML 5Page - Infineon Technologies AG TLE7268LC Datasheet HTML 6Page - Infineon Technologies AG TLE7268LC Datasheet HTML 7Page - Infineon Technologies AG TLE7268LC Datasheet HTML 8Page - Infineon Technologies AG TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Data Sheet
2
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Overview
20 kbps. The TLE7268 includes two independent transceivers that operate as bus drivers between the
protocol controller and physical LIN networks.
The TLE7268 supports different modes of operation of the two transceivers for minimizing ECU current
consumption in low power modes. When both transceivers are in Sleep mode, the TLE7268 typically draws a
quiescent current of less than 10 µA, while they still can wake up on detecting LIN bus traffic on either bus
channel. A common INH output can be used for controlling external circuitry, for example voltage regulators.
Based on the Infineon BiCMOS technology the TLE7268 provides excellent ESD robustness together with very
high electromagnetic compliance (EMC). The TLE7268 reaches a very low level of electromagnetic emission
(EME) within a broad frequency range and independent from the battery voltage. The TLE7268 is AEC qualified
and tailored to withstand the harsh conditions of automotive environment.
Type
Package
Marking
TLE7268SK
PG-DSO-14
7268
TLE7268LC
PG-TSON-14
7268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com