Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS03-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # AC207-DS03-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS03-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button AC207-DS03-R Datasheet HTML 33Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 34Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 35Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 36Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 37Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 38Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 39Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 40Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
PHY Registers
Page 27
PHY INTERRUPT CONTROL/STATUS REGISTER
DIAGNOSTIC REGISTER
Table 28: PHY Interrupt Control/Status Register
Register
Bit
Name
Description
Mode Default
17.15
Jabber_IE
Jabber Interrupt Enable.
RW
0
17.14
Rx_Er_IE
Receive Error Interrupt Enable.
RW
0
17.13
Page_Rx_IE
Page Received Interrupt Enable.
RW
0
17.12
PD_Fault_IE
Parallel Detection Fault Interrupt Enable.
RW
0
17.11
LP_Ack_IE
Link Partner Acknowledge Interrupt Enable.
RW
0
17.10
Link_Schange_ IE Link Status Changed Interrupt Enable.
RW
0
17.9
R_Fault_IE
Remote Fault Interrupt Enable.
RW
0
17.8
Aneg_Comp_IE
Auto-Neg Complete Interrupt Enable.
RW
0
17.7
Jabber_Int
This bit is set when a jabber event is detected.
RC
0
17.6
Rx_Er_Int
This bit is set when RX_ER transitions high.
RC
0
17.5
Page_Rx_Int
This bit is set when a new page is received from link partner during Auto-
Negotiation.
RC
0
17.4
PD_Fault_Int
This bit is set when parallel detect fault is detected.
RC
0
17.3
LP_Ack_Int
This bit is set when the FLP with acknowledge bit set is received.
RC
0
17.2
Link_Schanged Int This bit is set when link status is changed.
RC
0
17.1
R_Fault_Int
This bit is set when remote fault is detected.
RC
0
17.0
A_Neg_Comp Int
This bit is set when Auto-Neg is completed.
RC
0
Table 29: Diagnostic Register
Register
Bit
Name
Description
Mode
Default
18.15
Lp_lpbk
Link pulse loopback.
1 = loopback the link pulse for auto-negotiation testing
RW
0
18.14
Send_nlp
1 = force link pulse generator to send nlp event in auto-negotiation mode. RW
0
18.13
Force link pass bt 1 = force 10BASE-T link pass
RW
0
18.12
Force link pass tx 1 = force 100 TX link pass
RW
0
18.11
DPLX
This bit indicates the result of the Auto-Neg for duplex arbitration.
RO
0
18.10
Speed
This bit indicates the result of the Auto-Neg for data speed arbitration.
RO
X
18.9
RX_PASS
In 10BT mode, this bit indicates that Manchester data has been detected.
In 100BT mode, it indicates valid signal has been received but not nec-
essarily locked on to.
RC
X
18.8
RX_LOCK
Indicates the receive PLL has locked onto the received signal for the se-
lected speed of operation (10BASE-T or 100BASE-TX). This bit is set
whenever a cycle-slip occurs, and will remain set until it is read.
RC
X
18.[7:4]
ARB_STATE
HIGHEST
Highest state of auto-negotiation state machine since reset on last read
operation.
RC
TBD
18.[3:0]
ARB_STATE
LOWEST
Lowest state of auto-negotiation state machine since reset on last read
operation.
RC
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com