Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS03-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # AC207-DS03-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS03-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button AC207-DS03-R Datasheet HTML 15Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 16Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 17Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 18Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 20Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 21Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 22Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Addressing Algorithm, Routing, Learning and Aging
Page 9
AGING TIME
The bridge automatically examines the status of address lookup table. The round robin speed and checking timer are
dependent on the aging time. The bridge aging time is set at 300 seconds. When the aging timer is started after power-on,
the bridge guaranties that free spaces can be released from occupied address entries.
FORWARDING SCHEME
The store-and-forward algorithm is used. The incoming packet has to be completely stored in the buffer and verified error-
free before forwarding operations take place.
BUFFER MANAGEMENT AND QUEUES
The bridge buffering management continues to store received packets into memory. The buffer size for 100M port is 16K
bytes, and 8K bytes for 10M port.
Figure 4: Basic Memory Management Concept
The bridge uses the six pointers to control per port buffer status. Start Address point is the beginning of memory address for
each port and the End Address point is the last address of memory for each port. The Read/Write and shadow Read/Write
pointers are dynamically changed depending on the current outgoing and incoming packets in the storage. If the Write
pointer reaches the Read pointer and the size between write and read pointers is smaller than 2K bytes, buffer is full. On the
other hand, when read/write pointers are equal, the buffer is empty.
Table 3: Embedded Memory Structure
31
0
0x0000
2k x 32 for address lookup table
0x07FF
0x0800
4k x 32 for 100M Bridge Port
0x17FF
0x1800
2k x 32 for 10M Bridge Port
0x1FFF
Write Point
End Address
Start Address
Read Point
Free buffer
Per Port Buffer Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com