Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS03-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC207-DS03-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS03-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC207-DS03-R Datasheet HTML 35Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 36Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 37Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 38Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 39Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 40Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 41Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 42Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Test and LED Effect Register
Page 29
TRANSCEIVER MODE REGISTER
TEST AND LED EFFECT REGISTER
This set of the registers is defined for the whole chip. The base address is hex 08.
LED EFFECT WITH PARTITION/ISOLATION EVENT
Table 33: Transceiver Mode Register
Register
Bit
Name
Description
Mode
Default
23.15
Reserved
RO
0
23.14
Reserved
RO
0
23.13
Clk_rclk_save
1 = set rclk save mode. Rclk will be shut off after 64 cycles of each
packet
RW
0
23.12
Reserved
RO
0
23.11
Scramble disable 1 = disable scrambler
RW
0
23.10
Serial bt enable
1 = enable serial bt mode
RW
0
23.9
Pcsbp
1 = enable PCS bypass mode
RW
0
23:8
Age timer en
1 = enable age timer in adaptation
0 = disable age timer in adaptation.
RW
0
23.7
Reserved
RO
0
23:6
Reserved
RO
0
23.5
Force re-adapt
1 = force adaptation to re-adapt
Write 1 to this bit will force adaptation to re-adapt. This bit will always
be read as 0.
RO
0
23.[4:0]
Dlock drop
counter
D lock drop counter
RO
XXXXX
Table 34: LED Effect with Partition/Isolation Event
Register
Bit
Name
Description
Mode
Default
15:12
Blink rate [7:4]
Set the blink rate bits [7:0] with LED Effect with Partition/Isolation
Event Register (PHY Addr = 8; Reg Addr = 18), abbreviated as
REG_LED_EFFECT in the following equation.
Blink Rate = 1 / (16ms x {REG_LED_EFFECT[15:12], 4‘b0000} x 2)
RW
0001
11:10
Reserved
RO
00
9:8
LED on with part/
ISO event
When partition/isolation, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED blink with part/
ISO event
When partition/isolation, blink corresponding LED 1:0.
RW
00
3:2
Reserved
RO
00
1:0
LED off with part/
ISO event
When partition/isolation, turn off corresponding LED 1:0.
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com