Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS03-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # AC207-DS03-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS03-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button AC207-DS03-R Datasheet HTML 12Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 13Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 14Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 15Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 16Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 17Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 18Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC207-DS03-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 6
Initialization and Setup
Document
AC207-DS04-405-R
INITIALIZATION AND SETUP
HARDWARE CONFIGURATION
Several different states of operation can be chosen through hardware configuration. External pins may be pulled high or low
at reset time. The combination of high and low values determines the power-on state of the device.
Many of these pins are multi-function pins which change their meaning when reset ends.
SOFTWARE CONFIGURATION
Several different states of transceiver operation may be chosen through the MDC/MDIO interface. Refer to Section 3:
“Register Descriptions” on page 17.
LEDS
Using an LED display matrix with a refresh technique, only 14 pins are required to drive up to 48 LEDs with unique
information. On, Off, and Flash states are used to indicate different information. With a reduced number of signals, the LED
display is easier to route on the board, and less costly. The active-low LED data is driven out of LED_D[0:7] pins for each
port and the corresponding LED functions are LED_LN[5:0] pin. Refer to “LED Display/Configuration/PROM Interface” on
page 15 and “LED Display Matrix” on page 34 for the details.
The AC207 supports 2 LEDs per port. The following table describes how each of the LED is connected.
Signals LED_D[2:6] are indicators of port 1 through 8. Signals LED_LN[0:5] are events driven of port 1 through 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com