Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS02-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # AC206-DS02-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS02-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button AC206-DS02-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Register Descriptions
Page 19
Section 3 : R egis ter De scr iptions
The following standard registers are supported. (Register numbers are in Decimal format, the values are in Hex format).
REGISTER DESCRIPTION
The following table lists the AC206 register sets. Each register contains 16-bit data. The addresses in the following table are
hexadecimal.
Note
When writing to registers, it is recommended that a read/modify/write operation be performed, as
unintended bits may get set to unwanted states. This applies to all registers, including those with reserved
bits.
Table 17: Register Set
PHY Addr
Register Addr
Definition
Type
Default
2
0–31
PHY 1 Registers
2
0
PHY Control Register
R/W
3000
2
1
PHY Status Register
RO
2849
2
2
PHY Identifier 1 Register
RO
0022
2
3
PHY Identifier 2 Register
RO
5541
2
4
Auto-Negotiation Advertisement Register
RO
00A1
2
5
Auto-Negotiation Link Partner Ability Register
RO
0001
2
6
Auto-Negotiation Expansion Register
RO
0004
2
7
Auto Negotiation Next Page Transmit Register
RO
2001
2
8–15
Reserved
0000
2
16
PHY 10BASE-T Control Register
R/W
2
17
PHY Interrupt Control/Status Register
2
18
Diagnostic Register
2
19
Test Register
RO
2
20
Cable Length Register
RO
2
21
Receive Error Count
2
22
Power Management Register
2
23
Transceiver Mode Register
2
24–31
Reserved
3
0–31
PHY 2 Registers
4
0–31
PHY 3 Registers
5
0–31
PHY 4 Registers
6
0–31
PHY 5 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com