Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS02-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # AC206-DS02-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS02-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button AC206-DS02-R Datasheet HTML 16Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 17Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 18Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 19Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 20Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 21Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 22Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 23Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 8
Initialization and Setup
Document
AC206-DS05-405-R
Table 1: LED Connections
Signals
Events
Descriptions
LED_LN[0]
Link Status/Activity
Active low indicates 100M link is good. Blinking indicates 100M activity.
LED_LN[1]
Speed/Partition
Active low indicates 10M link is good. Blinking indicates 10M activity.
LED_LN[2]
Display utilization
on 100 Mbps
domain
LED_LN[2] is active low, indicating 100M utilization. Utilization indicator is not per
port basis, but rather per segment basis. The LED_D[0:7] indicates percentage of
utilization.
LED_D[0:7]
7
6
54321
0
Percent Util.
non
non
85%
65%
45%
25%
12%
1%
LED_LN[3]
Display utilization
on 10 Mbps
domain
LED_LN[3] is active low, indicating 10M utilization. Utilization indicator is not per
port basis, but rather per segment basis. The LED_D[0:7] indicates percentage of
utilization.
LED_D[0:7]
7
6
54321
0
Percent Util.
non
non
non
65%
45%
25%
12%
1%
LED_LN[4]
Display collision in
100 Mbps domain
LED_LN[4] is active low, indicating collision. Collision indicator is not per port
basis, but rather per segment basis. The LED_D[1:7] indicates percentage of
collision. However, LED_D0 only indicates collision occurrence.
LED_D[0:7]
7
6
54321
0
Percent Col.
66%
32%
16%
8%
4%
2%
1%
Col.
LED_LN[5]
Display collision in
10 Mbps domain
LED_LN[5] is active low, indicating collision. Collision indicator is not per port
basis, but rather per segment basis. The LED_D[1:7] indicates percentage of
collision. However, LED_D0 only indicates collision occurrence.
LED_D[0:7]
7
6
54321
0
Percent Col.
66%
32%
16%
8%
4%
2%
1%
Col.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com