Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS02-R Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AC206-DS02-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS02-R Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AC206-DS02-R Datasheet HTML 2Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 3Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 4Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 5Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 6Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 7Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 9Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page vi
Document
AC206-DS05-405--R
Routing Decision ..................................................................................................................................... 9
Learning Process 10
Aging Time ............................................................................................................................................ 10
Forwarding Scheme .............................................................................................................................. 10
Bridge Buffer Management and Queues 11
Section 2: Pins................................................................................................................... 12
Pin Descriptions ......................................................................................................................................... 12
LED Display/Configuration/PROM Interface 17
Section 3: Register Descriptions ..................................................................................... 19
Register Description................................................................................................................................... 19
PHY Port Status Register ...................................................................................................................... 20
Initial Device Configuration Register 21
Bridge Configuration Register ............................................................................................................... 22
PHY Registers 23
PHY Configuration Register .................................................................................................................. 23
PHY Status Register 24
PHY Identifier 1 Register ....................................................................................................................... 24
PHY Identifier 2 Register 25
Auto-Negotiation Advertisement Register ............................................................................................. 25
Auto-Negotiation Link Partner Ability Register ...................................................................................... 25
Auto-Negotiation Expansion Register.................................................................................................... 26
Auto-Negotiation Next Page Transmit Register..................................................................................... 26
PHY 10BASE-T Configuration Register 27
PHY Interrupt Control/Status Register 28
Diagnostic Register 29
Cable Length Register........................................................................................................................... 29
Receive Error Count 30
Power Management Register ................................................................................................................ 30
Transceiver Mode Register 31
LED Effect Register 32
LED Effect with Partition/Isolation Event ...............................................................................................32
LED Effect with Link Event .................................................................................................................... 32
LED Effect with Activity (CRS) Event 33
LED Effect with Auto-Negotiating Event ................................................................................................ 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com