Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS02-R Datasheet(PDF) 68 Page - Broadcom Corporation.

Part # AC206-DS02-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS02-R Datasheet(HTML) 68 Page - Broadcom Corporation.

Back Button AC206-DS02-R Datasheet HTML 62Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 63Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 64Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 65Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 66Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 67Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 68Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 69Page - Broadcom Corporation. AC206-DS02-R Datasheet HTML 70Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 56 Mechanical Information
Document
AC206-DS05-405-R
Sec t ion 6 : M echa nica l Info rm ation
Figure 21: 128-Pin PQFP
Table 65: Package Dimensions for the AC206
N
A
A1
A2
B
D
D1
D2
E
E1
E2
e
L
L1
128
3.40
Max
0.25
Min
2.70 ±
0.2
0.200 ±
0.1
23.20 ±
0.25
20.00 ±
0.10
18.5 ±
0.10
17.20 ±
0.25
14.00 ±
0.10
12.50 ±
0.10
0.50
0.88 ±
0.2
1.60 ±
0.12
D1
D
E1
E
e
B
L1
L
A
A2
A1
1
65
103
39
E2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com