Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS01-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # AC208-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS01-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button AC208-DS01-R Datasheet HTML 18Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 19Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 20Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 21Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 22Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 23Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 24Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 25Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 14 Pin Descriptions
Document
AC208-DS04-405-R
Table 7: 100 Mbps Internal Repeater
Pin Name
Pin #
Type
Description
M100COL_LOCAL*
3
I/O, U
100M Local Collision. Input when ChipID = 00. Active low to
indicate collision on all other ChipIds.
M100ACTO*
4
O, U
Output to ChipID=00 for ChipID
≠00 to signal local activity. This
signal is pure combinational logic and is not in sync with any
clock source. (Refer to next 3 signals).
M100ACTI_0*
(M100ACTO*)
4
I,U
Input for ChipID=00 from ChipID
≠00 M100ACTO* pins to
indicate activities. Open on all other ChipIDs.
M100ACTI_1*
6
I,U
Connected from ChipID=00 to ChipID=10 M100ACTO* to sense
activities. Open on all other ChipIDs.
M100ACTI_2*
7
I,U
Connected from ChipID=00 to ChipID=11 M100ACTO* to sense
activities. Open on all other ChipIDs.
M100COL_SYS*
2
I/O,U
ChipID=00 drives this pin the same as 100COLBP* to indicate
local collision.
M100CRS_SYS*
8
I/O,U
ChipID=00 drives this pin the same as 100CRSBP* to indicate
local activity.
MS100D4
MS100D3
MS100D2
MS100D1
MS100D0
14
13
12
11
9
I/O,D
I/O,D
I/O,D
I/O,D
I/O,D
Multiple/Stacked Data Group. Transmit and receive data in de-
scrambled 5B data groups for multiple devices. Data is sampled
at the rising edge of MS100D_CLK and driven out on falling edge
of MS100D_CLK.
MS100D_EN*
1
I/O,U
Multiple/Stacked Data Enable. Active-low when data is valid.
Signal is driven out on the falling edge of MS100D_CLK, and
sampled at the rising edge of MS100D_CLK.
MS100D_CLK
16
I/O, U,
S
Multiple/Stacked Data Clock. The bi-directional non-continuous
25 MHz recovered clock for synchronizing with MS100D[4:0],
and MS100D_EN*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com