Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS01-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # AC208-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS01-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button AC208-DS01-R Datasheet HTML 23Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 24Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 25Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 26Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 27Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 28Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 29Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 30Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Register Description
Page 19
019
Reserved
RO
0
20
Cable Length Register
RO
0
21
Receive Error Count
0
22
Power Management Register
0
23
Transceiver Mode Register
0
24–31
Reserved
1
0–31
PHY 2 Registers
2
0–31
PHY 3 Registers
3
0–31
PHY 4 Registers
4
0–31
PHY 5 Registers
5
0–31
PHY 6 Registers
6
0–31
PHY 7 Registers
7
0–31
PHY 8 Registers
8
0–31
LED Effect Registers
816
Reserved
8
17
Reserved
RO
0000
8
18
LED Effect with Partition/Isolation Event
R/W
8
19
LED Effect with Link Event
R/W
8
20
LED Effect with Activity (CRS) Event
R/W
8
21
LED Effect with AutoNeg Event
R/W
8
22
LED Effect with Speed100 Event
R/W
8
23
LED Register Control Mode
R/W
Table 14: Register Set (Cont.)
PHY Addr
Offset Addr
Definition
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com