Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS01-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # AC208-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS01-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button AC208-DS01-R Datasheet HTML 27Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 28Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 29Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 30Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 31Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 32Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 33Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 34Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
PHY Registers
Page 23
PHY REGISTERS
The following registers are defined for each PHY port. The base addresses of PHY 1 to PHY 8 are 0, 1, 2, 3, 4, 5, 6, and 7,
respectively.
PHY CONFIGURATION REGISTER
Table 19: PHY Configuration Register 0
Bit
Name
Definition
Mode
Default
0.15
Reset
1 = PHY reset
This bit is self-clearing.
RW/SC
0
0.14
Loopback
1 = Loopback mode. Because it internally loops the transmit of
AC208 to its receive, it ignores all the activity on the cable media.
0 = Normal operation.
RW
0
0.13
Speed Select
1 = 100 Mbps
0 = 10 Mbps. This bit is ignored if auto-negotiation is enabled.
It no longer reflects auto-negotiation results.
RW
1
0.12
Auto-Neg Enable
1 = Enable auto-negotiate process (overrides 0.13 and 0.8)
0 = Disable auto-negotiate process.
In force mode, speed is selected via bit 0.13.
RW
1
0.11
Power Down
1 = Power down mode, puts AC208 in low-power stand-by mode,
only reacts to access transaction.
0 = Normal operation.
RW
0
0.10
Isolate
1 = Electrical isolation of PHY from MII and cable media.
0 = Normal operation.
RW
0
0.9
Restart Auto-
Negotiation
1 = Restart auto-negotiation process.
0 = Normal operation.
RW/
SC
0
0.8
Duplex Mode
1 = Full-duplex.
0 = Half-duplex.
Full-duplex is not supported on this chip.
It no longer reflects auto-negotiation results.
RO
0
0.7
Collision Test
1 = Enable collision test, which issues the COL signal in
response to the assertion of TX_EN signal.
0 = Disable COL test.
RW
0
0.6:0
Reserved
RO
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com