Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS01-R Datasheet(PDF) 51 Page - Broadcom Corporation.

Part # AC208-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS01-R Datasheet(HTML) 51 Page - Broadcom Corporation.

Back Button AC208-DS01-R Datasheet HTML 47Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 48Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 49Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 50Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 51Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 52Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 53Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 54Page - Broadcom Corporation. AC208-DS01-R Datasheet HTML 55Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
PHY MDC/MDIO Interface
Page 43
PHY MDC/MDIO INTERFACE
Figure 7: PHY MDC/MDIO Interface
Table 49: PHY MDC/MDIO Interface
Parameter
Symbol
Conditions
Minimum
Typical
Maximum Units
MDC CLOCK
tMDCL
-
300
-
ns
MDC CLOCK
tMDCH
-
300
-
ns
Receive Data Setup
Time
tRDS
Setup on Read Cycle
10
-
-
ns
Receive Data Hold
Time
tRDH
Hold on Read Cycle
10
-
-
ns
Transmit Data Delay
Time
tTDD
Delay on Write Cycle
3
-
18
ns
MD C
MD I O
( IN )
MD I O
(O )
tM D C L
t M D C H
tR D S
tR D H
tT D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com