Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF22504HT Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 35Page - Infineon Technologies AG PEF22504HT Datasheet HTML 36Page - Infineon Technologies AG PEF22504HT Datasheet HTML 37Page - Infineon Technologies AG PEF22504HT Datasheet HTML 38Page - Infineon Technologies AG PEF22504HT Datasheet HTML 39Page - Infineon Technologies AG PEF22504HT Datasheet HTML 40Page - Infineon Technologies AG PEF22504HT Datasheet HTML 41Page - Infineon Technologies AG PEF22504HT Datasheet HTML 42Page - Infineon Technologies AG PEF22504HT Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 255 page
background image
Data Sheet
39
Rev. 1.3, 2006-01-25
QuadLIU
TM
PEF 22504
Pin Descriptions
87
BHE
IPU
Bus High Enable
Intel bus mode.
If 16-bit bus interface mode is enabled, this signal indicates
a data transfer on the upper byte of the data bus D(15:8). In
8-bit bus interface mode this signal has no function and
should be tied to VDD or left open.
BLE
IPU
Bus Low Enable
Motorola bus mode.
If 16-bit bus interface mode is enabled, this signal indicates
a data transfer on the lower byte of the data bus D(7:0). In 8-
bit bus interface mode this signal has no function and should
be tied to VDD or left open.
86
CS
IPU
Chip Select
Low active chip select.
41
INT
O
–
Interrupt Request
INT serves as general interrupt request for all interrupt
sources. These interrupt sources can be masked via
registers IMR(7:0). Interrupt status is reported via registers
GIS (Global Interrupt Status) and ISR(7:0).
Output characteristics (push-pull active low/high, open drain)
are determined by programming register IPC.
91
READY
OoD
(PU)
Data Ready
oD output only if activated by READY_EN = 1
B and if Intel
bus mode is selected. If not activated (READY_EN = 0
B) the
pull-up resistor is active.
Asynchronous handshake signal to indicate successful read
or write cycle.
DTACK
OoD
(PU)
Data Acknowledge
oD output only if activated by READY_EN = 1
B and if
motorola bus mode is selected. If not activated (READY_EN
= 0
B) the pull-up resistor is active.
Asynchronous handshake signal to indicate successful read
or write cycle.
92
READY_EN
I
PD
Ready Enable
Activates the oD functionality of READY/ DTACK.
0
B: READY/ DTACK is not activated (only pull-up resistor is
active). Pin READY/ DTACK can be connected to VDD.
1
B: READY/ DTACK is an active oD output
Table 2
I/O Signals for P-TQFP-144-8 (cont’d)
Pin No.
Name
Pin Type
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com