Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF22504HT Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 83Page - Infineon Technologies AG PEF22504HT Datasheet HTML 84Page - Infineon Technologies AG PEF22504HT Datasheet HTML 85Page - Infineon Technologies AG PEF22504HT Datasheet HTML 86Page - Infineon Technologies AG PEF22504HT Datasheet HTML 87Page - Infineon Technologies AG PEF22504HT Datasheet HTML 88Page - Infineon Technologies AG PEF22504HT Datasheet HTML 89Page - Infineon Technologies AG PEF22504HT Datasheet HTML 90Page - Infineon Technologies AG PEF22504HT Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 255 page
background image
Data Sheet
87
Rev. 1.3, 2006-01-25
QuadLIU
TM
PEF 22504
Functional Description
Figure 26
Monitoring Application using RLM (shown for one line)
The required resistor and transformer values are given in Table 16.
3.7.3.4
Redundancy Application using RLM
In general for redundancy applications (“protection switching”) one channel is active while the other is in stand-by
mode.
Switching between active and stand-by mode can be done by software and by hardware.
Software controlled switching can be done on the line side in transmit direction by using the register bit XPM2.XLT.
Combined hardware and software controlled switching can be done on the line side in transmit direction by a
hardware signal if a Multi Function Port is configured as tristate input XLT. It is proposed that the Multi Function
Port XPA be used for XLT or XLT input respectively, if this is the case then the PC1.XPC1(3:0) register bits must
be programed, see Table 34. For one channel the Multi Function Port XPA must be programmed as low active
(PC1.XPC1 = ´1110
b´) and for the other channel as high active (PC1.XPC1 = ´1000b´), so that no external inverter
Table 16
External Component Recommendations for Monitoring Applications using RLM
Parameters of
external components
1)
1) This includes all parasitic effects caused by circuit board design.
Line Impedance Z
0
Line Impedance Z
0
E1
T1
J1
75 Ohm
120 Ohm
100 Ohm
110 Ohm
R
E (±1 %)
75
Ω
120
Ω
100
Ω
110
Ω
R
3 (±1 %)
330
Ω
510
Ω
430
Ω
470
Ω
R
SER
See Chapter 3.9.1
t
2 : t1
1 :1
1 :1
1 : 1
1 : 1
E1/T1/J1
Receive
Line
RL1
RL2
RDO
RL1
RL2
RDO
XL1
XL2
E1/T1/J1
Transmit
Line
XDI
XL1
XL2
XDI
receiver
channel
RSIG
RSIG
QFALC_monitor_RLM
R
E
R
E
R
3
R
SER
R
SER
R
SER
R
SER
monitor
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com