Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF22504HT Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 17Page - Infineon Technologies AG PEF22504HT Datasheet HTML 18Page - Infineon Technologies AG PEF22504HT Datasheet HTML 19Page - Infineon Technologies AG PEF22504HT Datasheet HTML 20Page - Infineon Technologies AG PEF22504HT Datasheet HTML 21Page - Infineon Technologies AG PEF22504HT Datasheet HTML 22Page - Infineon Technologies AG PEF22504HT Datasheet HTML 23Page - Infineon Technologies AG PEF22504HT Datasheet HTML 24Page - Infineon Technologies AG PEF22504HT Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 255 page
background image
Data Sheet
21
Rev. 1.3, 2006-01-25
QuadLIU
TM
PEF 22504
Pin Descriptions
C12
D14
IO
PU
Data Bus Line 14
PLL9
I
PU
PLL programming bit 9
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
D13
D13
IO
PU
Data Bus Line 13
PLL8
I
PU
PLL programming bit 8
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
D12
D12
IO
PU
Data Bus Line 12
PLL7
I
PU
PLL programming bit 7
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
D14
D11
IO
PU
Data Bus Line 11
PLL6
I
PU
PLL programming bit 6
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
E14
D10
IO
PU
Data Bus Line 10
PLL5
I
PU
PLL programming bit 5
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
F11
D9
IO
PU
Data Bus Line 9
PLL4
I
PU
PLL programming bit 4
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
F13
D8
IO
PU
Data Bus Line 8
PLL3
I
PU
PLL programming bit 3
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
F12
D7
IO
PU
Data Bus Line 7
PLL2
I
PU
PLL programming bit 2
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
F14
D6
IO
PU
Data Bus Line 6
PLL1
I
PU
PLL programming bit 1
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
G11
D5
IO
PU
Data Bus Line 5
PLL0
I
PU
PLL programming bit 0
Only used if SCI or SPI interface mode is selected by
IM(1:0) = ´1Xb´.
G13
D4
IO
PU
Data Bus Line 4
G14
D3
IO
PU
Data Bus Line 3
Table 1
I/O Signals (cont’d)for P/PG-LBGA-160-1
Pin No.
Name
Pin Type Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com