Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF22504HT Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 9Page - Infineon Technologies AG PEF22504HT Datasheet HTML 10Page - Infineon Technologies AG PEF22504HT Datasheet HTML 11Page - Infineon Technologies AG PEF22504HT Datasheet HTML 12Page - Infineon Technologies AG PEF22504HT Datasheet HTML 13Page - Infineon Technologies AG PEF22504HT Datasheet HTML 14Page - Infineon Technologies AG PEF22504HT Datasheet HTML 15Page - Infineon Technologies AG PEF22504HT Datasheet HTML 16Page - Infineon Technologies AG PEF22504HT Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 255 page
background image
Version 2.1
Type
Package
PEF 22504 HT
PG-TQFP-144-17
PEF 22504 E
P/PG-LBGA-160-1
P/PG-LBGA-160-1
P-TQFP-144-6, -8, -14
Data Sheet
13
Rev. 1.3, 2006-01-25
Quad E1/T1/J1 Line Interface Component for Long-
and Short-Haul Applications
QuadLIU
TM
PEF 22504 E
1.1
Features
Line Interface
•
High-density, generic interface for all E1/T1/J1 applications
•
Four Analog receive and transmit circuits for long-haul and short-haul
applications
•
E1 or T1/J1 mode selectable
•
Data and clock recovery using an integrated digital phase-locked loop
•
Clock generator for jitter-free transmit clocks per channel
•
Jitter specifications of ITU-T I.431, G.703, G.736 (E1), G.823 (E1) and
AT&T TR62411 (T1/J1) and PUB 62411 are met
•
Maximum line attenuation up to -43 dB at 1024 kHz (E1) and up to -
36 dB at 772 kHz (T1/J1)
•
Flexible programmable transmit pulse shapes for E1 and T1/J1 pulse
masks
•
Programmable line build-out for CSU signals according to ANSI T1.
403 and FCC68: 0 dB, -7.5 dB, -15 dB, -22.5 dB (T1/J1)
•
Programmable low transmitter output impedances for high transmit
return loss and generic E1/T1/J1 applications
•
Tristate function of the analog transmit line outputs
•
Transmit line monitor protecting the device from damage
•
Flexible tristate functions of the digital receive outputs
•
Receive line monitor mode
•
Integrated switchtable 300
Ω receive resistors for generic E1/T1/J1
applications to meet termination resistance 75/120
Ω for E1, 100 Ω for T1 and 110 Ω for J1
•
Integrated multi purpose analog switch at line receive interface to support generic redundancy applications
(only supported in P/PG-LBGA-160-1 package)
•
Crystal-less wander and jitter attenuation/compensation according to TR 62411, ETS-TBR 12/13, PUB 62411
•
Common master clock reference for E1 and T1/J1 with any frequency within 1.02 and 20 MHz
•
Power-down function
•
Support of automatic protection switching
•
Dual-rail or single-rail digital inputs and outputs
•
Unipolar CMI for interfacing fiber-optical transmission routes
•
Selectable line codes (E1: HDB3, AMI/T1: B8ZS, AMI with ZCS)
•
Loss-of-signal indication with programmable thresholds according to ITU-T G.775, ETS300233 (E1) and ANSI
T1.403 (T1/J1)
•
Optional data stream muting upon LOS detection
•
Programmable receive slicer threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com