Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2721IPZP Datasheet(PDF) 5 Page - Texas Instruments

Part # SLK2721IPZP
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721IPZP Datasheet(HTML) 5 Page - Texas Instruments

  SLK2721IPZP Datasheet HTML 1Page - Texas Instruments SLK2721IPZP Datasheet HTML 2Page - Texas Instruments SLK2721IPZP Datasheet HTML 3Page - Texas Instruments SLK2721IPZP Datasheet HTML 4Page - Texas Instruments SLK2721IPZP Datasheet HTML 5Page - Texas Instruments SLK2721IPZP Datasheet HTML 6Page - Texas Instruments SLK2721IPZP Datasheet HTML 7Page - Texas Instruments SLK2721IPZP Datasheet HTML 8Page - Texas Instruments SLK2721IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
control/status pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
AUTO_DETECT
34
TTL input (with pulldown)
Data rate autodetect enable. Enable the autodetection function for different data rates.
CONFIG0
CONFIG1
17
18
TTL input (with pulldown)
Configuration pins. Put the device under one of the four operation modes: TX only, RX
only, transceiver, or repeater.
ENABLE
44
TTL input (with pullup)
Standby enable. When this pin is held low, the device is disabled for IDDQ testing.
When high, the device operates normally.
FRAME_EN
27
TTL input (with pullup)
Frame sync enable. When this pin is asserted high, the frame synchronization circuit
for byte alignment is turned on.
LCKREFN
24
TTL input (with pullup)
Lock to reference. When this pin is low, RXCLKP/N output is forced to lock to REFCLK.
When high, RXCLKP/N is the divided down clock extracted from the receive serial
data.
LLOOP
53
TTL input (with pulldown)
Local loopback enable. When this pin is high, the serial output is internally looped back
to its serial input.
LOL
45
TTL output
Loss of lock. When the clock recovery loop has locked to the input data stream and the
phase differs by less than 100 ppm from REFCLK, then LOL is high. When the phase of
the input data stream differs by more than 100 ppm from REFCLK, then LOL is low. If
the difference is too large (> 500 ppm), the LOL output is not valid.
LOOPTIME
51
TTL input (with pulldown)
Loop timing mode. When this pin is high, the PLL for the clock synthesizer is bypassed.
The recovered clock timing is used to send the transmit data.
LOS
46
TTL output
Loss of signal. When no transitions appear on the input data stream for more than
2.3
µs, a loss of signal occurs and LOS goes high. The device also transmits all zeroes
downstream using REFCLK as its clock source. When a valid SONET signal is
received, the LOS signal goes low.
PAR_VALID
2
TTL output
Parity checker output. The internal parity checker on the parallel side of the transmitter
checks for even parity. If there is a parity error, the pin is pulsed low for two clock cycles.
PRBSEN
41
TTL input (with pulldown)
PRBS testing enable. When this pin is asserted high, the device is put into the PRBS
testing mode.
PRBSPASS
42
TTL output
PRBS test result. This pin reports the status of the PRBS test results (high = pass).
When PRBSEN is disabled, the PRBSPASS pin is set low. When PRBSEN is enabled
and a valid PRBS is received, then the PRBSPASS pin is set high.
PRE1
PRE2
4
5
TTL input (with pulldown)
Programmable de-emphasis control. Combinations of these two bits can be used to
optimize serial data transmission.
PS
21
TTL input (with pulldown)
Polarity select. This pin, used with the SIGDET pin, sets the polarity of SIGSET. When
high, SIGDET is an active low signal. When low, SIGDET is an active high signal.
RATEOUT0
RATEOUT1
37
36
TTL output
Autorate detection outputs. When AUTO_DETECT is high, the autodetection circuit
generates these two bits to indicate the data rates for the downstream device.
RESET
48
TTL input (with pulldown)
TXFIFO and LOL reset pin. Low is reset and high is normal operation.
RLOOP
54
TTL input (with pulldown)
Remote loopback enable. When this pin is high, the serial input is internally looped
back to its serial output with the timing extracted from the serial data.
RSEL0
RSEL1
39
38
TTL input (with pulldown)
Data rate configuration pins. Put the device under one of the four data rate operations:
OC-48, OC-24, OC-12, or OC-3.
RX_MONITOR
47
TTL input (with pulldown)
RX parallel data monitor in repeater mode. This pin is only used when the device is put
under repeater mode. When high, the RX demultiplexer circuit is enabled and the
parallel data is presented. When low, the demultiplexer is shut down to save power.
SIGDET
20
TTL input (with pulldown)
Signal detect. This pin is generally connected to the output of an optical receiver. This
signal may be active high or active low depending on the optical receiver. The SIGDET
input is XORed with the PS pin to select the active state. When SIGDET is in the
inactive state, data is processed normally. When activated, indicating a loss of signal
event, the transmitter transmits all zeroes and force the LOS signal to go high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com