Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2721IPZP Datasheet(PDF) 1 Page - Texas Instruments

Part # SLK2721IPZP
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721IPZP Datasheet(HTML) 1 Page - Texas Instruments

  SLK2721IPZP Datasheet HTML 1Page - Texas Instruments SLK2721IPZP Datasheet HTML 2Page - Texas Instruments SLK2721IPZP Datasheet HTML 3Page - Texas Instruments SLK2721IPZP Datasheet HTML 4Page - Texas Instruments SLK2721IPZP Datasheet HTML 5Page - Texas Instruments SLK2721IPZP Datasheet HTML 6Page - Texas Instruments SLK2721IPZP Datasheet HTML 7Page - Texas Instruments SLK2721IPZP Datasheet HTML 8Page - Texas Instruments SLK2721IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Integrated SONET/SDH Transceiver to
Support Clock/Data Recovery and
Multiplexer/Demultiplexer Functions
D Enhanced Jitter Tolerance Over SLK2701
D Supports 2.7 Gbps OC-48 FEC Rate, OC-48,
OC-24, OC-12, Gigabit Ethernet, and OC-3
Data Rate With Autorate Detection
D Supports Transmit Only, Receiver Only,
Transceiver and Repeater Functions in a
Single Chip Through Configuration Pins
D Supports SONET/SDH Frame Detection
D On-Chip PRBS Generation and Verification
D Supports 4-Bit LVDS (OIF99.102) Electrical
Interface
D Single 2.5-V Power Supply
D Interfaces to Back Plane, Copper Cables, or
Optical Modules
D Hot Plug Protection
D Low Jitter PECL-Compatible Differential
Serial Interface With Programmable
De-Emphasis for the Serial Output
D On-Chip Termination for LVDS and
PECL-Compatible Interface
D Receiver Differential Input Thresholds
150 mV Minimum
D Supports SONET Loop Timing
D Low Power <900 mW at OC-48 Data Rate
D ESD Protection >2 kV
D 622-MHz Reference Clock
D Maintains Clock Output in Absence of Data
D Local and Remote Loopback
D Parity Checking and Generation for the
LVDS Interface
D 100-Pin PZP Package With PowerPad
Design
description
The SLK2721 device is a single chip, multirate transceiver that derives high-speed timing signals for SONET/
SDH-based equipment. The device performs clock and data recovery, serial-to-parallel/parallel-to-serial
conversion, and a frame detection function conforming to the SONET/SDH standards.
The device can be configured to operate under OC-48, OC-24, OC-12, or OC-3 data rate through the rate
selection pins or the autorate detection function. An external reference clock operating at 622.08 MHz is
required for the recovery loop, and it also provides a stable clock source in the absence of serial data transitions.
The SLK2721 device accepts 4-bit LVDS parallel data/clock and generates a NRZ SONET/SDH-compliant
signal at the OC-3, OC-12, OC-24, or OC-48 data rate. It also recovers the data and clock from the serial SONET
stream and demultiplexes it into 4-bit LVDS parallel data for full duplex operation. TXDATA0 and RXDATA0 are
the first bits that are transmitted and received in time, respectively. The serial interface is a low jitter,
PECL-compatible differential interface.
The SLK2721 device supports an FEC data rate up to 2.7 Gbps when configured to operate at the OC-48 data
rate and provided with an external reference clock that is properly scaled.
The SLK2721 device provides a comprehensive suite of built-in tests for self-test purposes including local and
remote loopback and pseudorandom bit stream (PRBS) (27-1) generation and verification.
The device comes in a 100-pin VQFP package that requires a single 2.5-V supply with 3.3-V tolerant inputs on
the control pins. The SLK2721 device is very power efficient, dissipating less than 900 mW at 2.488 Gbps, the
OC-48 data rate. It is characterised for operation from −40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
PowerPAD QUAD
(PZP)
−40
°C to 85°C
SLK2721IPZP
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - SLK2721IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2721IPZP TI1-SLK2721IPZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721IPZPG4 TI1-SLK2721IPZPG4 Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results

Similar Description - SLK2721IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com