Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2721IPZP Datasheet(PDF) 10 Page - Texas Instruments

Part # SLK2721IPZP
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721IPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLK2721IPZP Datasheet HTML 6Page - Texas Instruments SLK2721IPZP Datasheet HTML 7Page - Texas Instruments SLK2721IPZP Datasheet HTML 8Page - Texas Instruments SLK2721IPZP Datasheet HTML 9Page - Texas Instruments SLK2721IPZP Datasheet HTML 10Page - Texas Instruments SLK2721IPZP Datasheet HTML 11Page - Texas Instruments SLK2721IPZP Datasheet HTML 12Page - Texas Instruments SLK2721IPZP Datasheet HTML 13Page - Texas Instruments SLK2721IPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
loss-of-lock indicator
The SLK2721 device has a lock detection circuit to monitor the integrity of the data input. When the clock
recovery loop is locked to the input serial data stream, the LOL signal goes high. If the recovered clock frequency
deviates from the reference clock frequency by more than 100 ppm, LOL goes low. If the data stream clock rate
deviates by more than 170 ppm, loss of lock occurs. If the data streams clock rate deviates more than 500 ppm
from the local reference clock, the LOL output status might be unstable. Upon power up, the LOL goes low until
the PLL is close to phase lock with the local reference clock.
loss of signal
The loss-of-signal (LOS) alarm is set high when no transitions appear in the input data path for more than 2.3
µs.
The LOS signal becomes active when the above condition occurs. If the serial inputs of the device are
ac-coupled to its source, the ac-coupling capacitor needs to be big enough to maintain a signal level above the
threshold of the receiver for the 2.3-
µs no transition period. Once activated, the LOS alarm pin is latched high
until the receiver detects an A1A2 pattern. The recovered clock (RXCLK) is automatically locked to the local
reference when LOS occurs. The parallel data (RXDATAx) may still be processed even when LOS is activated.
signal detect
The SLK2721 device has an input SIGDET pin to force the device into the loss-of-signal state. This pin is
generally connected to the signal detect output of the optical receiver. Depending on the optics manufacturer,
this signal can be either active high or active low. To accommodate the differences, a polarity select (PS) is used.
For an active low, SIGDET input sets the PS pin high. For an active high, SIGDET input sets the PS pin low.
When the PS signal pin and SIGDET are of opposite polarities, the loss-of-signal state is generated and the
device transmits all zeroes downstream.
multiplexer operation
The 4-bit parallel LVDS data is clocked into an input buffer by a clock derived from the synthesized clock. The
data is then clocked into a 4:1 multiplexer. The D0 bit is the most significant bit and is shifted out first in the serial
output stream.
demultiplexer operation
The serial 2.5-Gbps data is clocked into a 1:4 demultiplexer by the recovered clock. The D0 bit is the first bit
that is received in time from the input serial stream. The 4-bit parallel data is then sent to the LVDS driver along
with the divided down recovered clock.
frame synchronization
The SLK2721 device has a SONET/SDH-compatible frame detection circuit that can be enabled or disabled
by the user. Frame detection is enabled when the FRAME_EN pin is high. When enabled, it detects the A1, A2
framing pattern, which is used to locate and align the byte and frame boundaries of the incoming data stream.
When FRAME_EN is low, the frame detection circuitry is disabled and the byte boundary is frozen to the location
found when detection was previously enabled.
The frame detect circuit searches the incoming data for three consecutive A1 bytes followed immediately by
one A2 byte. The data alignment circuit then aligns the parallel output data to the byte and frame boundaries
of the incoming data stream. During the framing process the parallel data bus will not contain valid and aligned
data. Upon detecting the third A1, A2 framing patterns that are separated by 125
µs from each other, the FSYNC
signal goes high for four RXCLK cycles, indicating frame synchronization has been achieved.
The probability that random data in a SONET/SDH data stream will mimic the framing pattern in the data payload
is extremely low. However, there is a state machine built in to prevent false reframing if a framing pattern does
show up in the data payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com