Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2721IPZP Datasheet(PDF) 11 Page - Texas Instruments

Part # SLK2721IPZP
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLK2721IPZP Datasheet HTML 7Page - Texas Instruments SLK2721IPZP Datasheet HTML 8Page - Texas Instruments SLK2721IPZP Datasheet HTML 9Page - Texas Instruments SLK2721IPZP Datasheet HTML 10Page - Texas Instruments SLK2721IPZP Datasheet HTML 11Page - Texas Instruments SLK2721IPZP Datasheet HTML 12Page - Texas Instruments SLK2721IPZP Datasheet HTML 13Page - Texas Instruments SLK2721IPZP Datasheet HTML 14Page - Texas Instruments SLK2721IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
testability
The SLK2721 device has a comprehensive suite of built-in self-tests. The loopback function provides for
at-speed testing of the transmit/receive portions of the circuitry. The ENABLE pin allows for all circuitry to be
disabled so that an IDDQ test can be performed. The PRBS function allows for a built-in self-test (BIST).
IDDQ function
When held low, the ENABLE pin disables all quiescent power in both the analog and digital circuitry. This allows
for IDDQ testing on all power supplies and can also be used to conserve power when the link is inactive.
local loopback
The LLOOP signal pin controls the local loopback. When LLOOP is high, the loopback mode is activated and
the parallel transmit data is selected and presented on the parallel receive data output pins. The parallel transmit
data is also multiplexed and presented on the high-speed serial transmit pins. Local loopback can only be
enabled under transceiver mode.
1:4 Serial to
Parallel
4:1 Parallel to
Serial
RXDATA (3−0)
RXCLK
TXDATA (3−0)
TXCLK
2.488 GHz
PLL
D
D
SRXDIP
SRXDIN
LLOOP
STXDOP
STXDON
Recovered Clock
Figure 3. Local Loopback Data Path
remote loopback
The RLOOP signal pin controls the remote loopback. When RLOOP is high, the serial receive data is selected
and presented on the serial transmit data output pins. The serial received data is also demultiplexed and
presented on the parallel receive data pins. The remote loop can be enabled only when the device is under
transceiver mode. When the device is put under the repeater mode with RX_MONITOR high, it performs the
same function as remote loopback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com