Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8201MEVAL1Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 6 of 16
October 28, 2014
Transient Response Performance TA = +25°C, VIN = 12V, VOUT = 1.5V, PVCC = 12V, CIN = 220µFx1, 10µF/Ceramicx2, COUT = 330µF
(ESR = 10m
), 22µF/Ceramicx3 I
OUT = 0-5A (10A), Current slew rate = 2.5A/µs
FIGURE 6. 1.5V TRANSIENT RESPONSE
FIGURE 7. 1.8V TRANSIENT RESPONSE
FIGURE 8. 2.5V TRANSIENT RESPONSE
FIGURE 9. 3.3V TRANSIENT RESPONSE
Typical Performance Characteristics (Continued)
VIN = 12V
VOUT = 1.5V
IOUT = 0A to 5A
VIN = 12V
VOUT = 1.8V
IOUT = 0A to 5A
VIN = 12V
VOUT = 2.5V
IOUT = 0A to 5A
VIN = 12V
VOUT = 3.3V
IOUT = 0A to 5A
PGND
PHASE
VIN
VOUT
FB
COMP/EN
ISET
PVCC
1.8V
10A
VOUT
COUT1
22µF
6.3V
x3
RFB
4.87k
CPVCC
ISL8201M
(+5V/+12V)
VIN
CIN (CER)
10µF
25V
x2
CIN (BULK)
220µF
COUT2
330µF
FIGURE 10. TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com