Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8201MEVAL1Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 7 of 16
October 28, 2014
Pin Functions
PGND (Pins 1, 2, 3, 4, 11)
Power ground pin for signal, input, and output return path. PGND
needs to connect to one (or more) ground plane(s) immediately,
which is recommended to minimize the effect of switching noise,
copper losses, and maximize heat dissipation.
PVCC (Pin 5)
This pin provides the bias supply for ISL8201M, as well as the
low-side MOSFET’s gate and high-side MOSFET’s gate. If
PVCC rises above 6.5V, an internal 5V regulator will supply to
the internal logics bias (but high-side and low-side MOSFET
gate will still be sourced by PVCC). Connect a well decoupled
+5V or +12V supply to this pin.
NC (Pins 6, 8, 15)
These pins have no function; do not connect.
ISET (Pin 7)
The ISET pin is the input for the overcurrent protection (OCP)
setting, which compares the rDS(ON) of the low-side MOSFET
to set the overcurrent threshold. The ISL8201M has an initial
protect overcurrent limit. It has an integrated internal 3.57k
resistor (RSET-IN) between the ISET and PGND pins, which
can prevent significant overcurrent impact to the module. One
can also connect an additional resistor RSET-EX between the
ISET pin and the PGND pin in order to reduce the current limit
point by paralleling.
VIN (Pin 9)
Power input pin. Apply input voltage between the VIN pin and
PGND pin. It is recommended to place an input decoupling
capacitor directly between the VIN pin and the PGND pin. The
input capacitor should be placed as closely as possible to the
module.
PHASE (Pin 10)
The PHASE pin is the switching node between the high and
low-side MOSFET. It also returns the current path for the high-
side MOSFET driver and detects the low-side MOSFET drain
voltage for the overcurrent limits point.
VOUT (Pin 12)
Power output pin. Apply output load between this pin and the
PGND pin. It is recommended to place a high frequency output
decoupling capacitor directly between the VOUT pin and the
PGND pin. The output capacitor should be placed as closely
as possible to the module.
COMP/EN (Pin 13)
This is the multiplexed pin of the ISL8201M. During soft-start
and normal converter operation, this pin represents the output
of the error amplifier. Use COMP/EN in combination with the
FB pin to compensate for the voltage control feedback loop of
the converter. Pulling COMP/EN low (VENDIS = 0.4V nominal)
will disable (shut-down) the controller, which causes the
oscillator to stop, and the high-side gate and low-side gate of
the MOSFETs outputs to be held low. The external pull-down
device will initially need to overcome a maximum of 5mA of
COMP/EN output current. However, once the controller is
disabled, the COMP/EN output will also be disabled, thus only
a 20µA current source will continue to draw current.
FB (Pin 14)
The FB pin is the output voltage adjustment of the ISL8201M. It
will regulate to 0.6V at the FB pin with respect to the PGND pin.
The ISL8201M has an integrated voltage dividing resistor. This
is a precision 9.76k
 resistor (RFB-TI) between the VOUT and
FB pins. Different output voltages can be programmed with
additional resistors between FB to PGND.
Reference Circuitry For General Applications
Typical Application with Single Power Supply
Figure 11 shows the ISL8201M application schematic for input
voltage +5V or +12V. The PVCC pin can connect to the input
supply directly.
Typical Application with Separated Power Supply
Figure 12 shows the ISL8201M application schematic for wide
input voltages from +1V to +20V. The PVCC supply can source
+5V/+12V or +6.5V to 14.4V.
FIGURE 11. TYPICAL APPLICATION SCHEMATIC
PGND
FB
COMP/EN
VIN
VOUT
PHASE
ISET
PVCC
(+5V/+12V)
VIN
VOUT
CIN
COUT
RFB RSET-EX
CPVCC
ISL8201M
FIGURE 12. WIDE INPUT VOLTAGE APPLICATION SCHEMATIC
PGND
FB
COMP/EN
VIN
VOUT
PHASE
ISET
PVCC
(+1V TO +20V)
VIN
VOUT
CIN
COUT
RFB RSET-EX
CPVCC
(+5V/+12V)
or
(+6.5V TO 14.4V)
PVCC
ISL8201M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com