Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8201MEVAL1Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 8 of 16
October 28, 2014
Applications Information
The typical ISL8201M application schematic for input voltage
+5V or +12V is shown in Figure 11. External component
selection is primarily determined by the maximum load current
and input/output voltage.
Programming the Output Voltage
The ISL8201M has an internal 0.6V ±1.5% reference voltage.
Programming the output voltage requires a dividing resistor
(RFB). The output voltage can be calculated as shown in
Equation 1:
Note: ISL8201M has integrated 9.76k
 resistance into the
module (dividing resistor for top side). The resistance
corresponding to different output voltages is as shown in
Table 1:
Initialization (POR and OCP Sampling)
Figure 13 shows a start-up waveform of ISL8201M. The
power-on-reset (POR) function continually monitors the bias
voltage at the PVCC pin. Once the rising POR threshold has
exceeded 4V (VPORR nominal), the POR function initiates the
overcurrent protection (OCP) sample and hold operation (while
COMP/EN is ~1V). When the sampling is complete, VOUT
begins the soft-start ramp.
If the COMP/EN pin is held low during power-up, the
initialization will be delayed until the COMP/EN is released and
its voltage rises above the VENDIS trip point.
Figures 14 and 15 show a typical power-up sequence in more
detail. The initialization starts at t0, when either PVCC rises
above VPORR, or the COMP/EN pin is released (after POR).
The COMP/EN will be pulled up by an internal 20µA current
source, however, the timing will not begin until the COMP/EN
exceeds the VENDIS trip point (at t1). The external capacitance
of the disabling device, as well as the compensation
capacitors, will determine how quickly the 20µA current source
will charge the COMP/EN pin. With typical values, it should
add a small delay compared to the soft-start times. The
COMP/EN will continue to ramp to ~1V.
From t1, there is a nominal 6.8ms delay, which allows the
PVCC pin to exceed 6.5V (if rising up towards 12V), so that the
internal bias regulator can turn on cleanly. At the same time,
the ISET pin is initialized by disabling the low-side gate driver
and drawing ISET (nominal 21.5µA) through RSETI. This sets up
a voltage that will represent the ISET trip point. At t2, there is a
variable time period for the OCP sample and hold operation
(0.0ms to 3.4ms nominal; the longer time occurs with the
higher overcurrent setting). The sample and hold uses a digital
counter and DAC to save the voltage, so the stored value does
not degrade, as long as the PVCC is above VPORR (See
“Overcurrent Protection (OCP)” on page 10 for more details on
the equations and variables). Upon the completion of sample
and hold at t3, the soft-start operation is initiated, and the
output voltage ramps up between t4 and t5.
TABLE 1. RESISTANCE TO OUTPUT VOLTAGES
VOUT
0.6V
1.05V
1.2V
1.5V
RFB
open
13k
9.76k
6.49k
VOUT
1.8V
2.5V
3.3V
5V
RFB
4.87k
3.09k
2.16k
1.33k
VOUT
0.6
1
9.76k
RFB
---------------
+


=
(EQ. 1)
FIGURE 13. POR AND SOFT-START OPERATION
PVCC
VOUT
COMP/EN
~4V
FIGURE 14. ISET AND SOFT-START OPERATION
T0
T1
COMP/EN
ISET
VOUT
t1
t0
ISET
VOUT
COMP/EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com