Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8201MEVAL1Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8201MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 2 of 16
October 28, 2014
Simplified Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL8201MIRZ
ISL8201M
15 Ld QFN
L15.15x15
ISL8201MEVAL1Z
Evaluation Board
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil plastic packaged products are RoHS compliant by EU exemption 7C-I and employ special Pb-free material sets, molding
compounds/die attach materials, and 100% matte tin plate plus anneal (e3) termination finish which is compatible with both SnPb and Pb-free
soldering operations. Intersil RoHS compliant products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-
free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL8201M. For more information on MSL please see techbrief
TB363.
DRIVER
DRIVER
GATE
CONTROL
LOGIC
POR
AND
SOFT-START
LDO
+
-
PWM Controller
+
-
0.6V
0.4V
OSCILLATOR
DIS
+
-
PWM
SAMPLE
AND
HOLD
+
-
21.5µA
ISET
INHIBIT
PVCC
RFB-TI
RSET-IN
PGND
FB
COMP/EN
PVCC
PHASE
PGND
VOUT
VIN
ISET
FIGURE 1. INTERNAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com