Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8274M Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 35Page - Renesas Technology Corp ISL8274M Datasheet HTML 36Page - Renesas Technology Corp ISL8274M Datasheet HTML 37Page - Renesas Technology Corp ISL8274M Datasheet HTML 38Page - Renesas Technology Corp ISL8274M Datasheet HTML 39Page - Renesas Technology Corp ISL8274M Datasheet HTML 40Page - Renesas Technology Corp ISL8274M Datasheet HTML 41Page - Renesas Technology Corp ISL8274M Datasheet HTML 42Page - Renesas Technology Corp ISL8274M Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
FN8931 Rev.1.00
Page 39 of 81
Jan 4, 2018
ISL8274M
6. PMBus Command Summary
95h
READ_FREQUENCY
Returns the
measured operating
switch frequency.
Read
Word
L11
page 59
99h
MFR_ID
Sets a user defined
identification.
R/W
Block
ASC
Null
page 60
9Ah
MFR_MODEL
Sets a user defined
model.
R/W
Block
ASC
Null
page 60
9Bh
MFR_REVISION
Sets a user defined
revision.
R/W
Block
ASC
Null
page 60
9Ch
MFR_LOCATION
Sets a user defined
location identifier.
R/W
Block
ASC
Null
page 60
9Dh
MFR_DATE
Sets a user defined
date.
R/W
Block
ASC
Null
page 61
9Eh
MFR_SERIAL
Sets a user defined
serialized identifier.
R/W
Block
ASC
Null
page 61
A8h
LEGACY_FAULT_GROUP
Sets rail IDs of legacy
devices for fault
spreading
R/W
Block
BIT
00000000h No rail ID specified
page 61
B0h
USER_DATA_00
Sets a user defined
data.
R/W
Block
ASC
Null
page 62
D0h
ISENSE_CONFIG
Configures ISENSE
related features.
R/W
Byte
BIT
06h
256ns Blanking
Time, High Range
page 62
D1h
USER_CONFIG
Configures several
user-level features.
R/W
Byte
BIT
84h
Minimum duty
control, PG open
drain
page 63
D3h
DDC_CONFIG
Configures the DDC
bus.
R/W
Word
BIT
Pin-strap (Rail ID
set based on
PMBus address.
Phase ID = 0;
Phases in Rail = 1
page 63
D4h
POWER_GOOD_DELAY
Sets the delay
between VOUT > PG
threshold and
asserting the PG pin.
R/W
Word
L11
C300h
3ms
page 64
DFh
ASCR_CONFIG
Configures ASCR
control loop.
R/W
Block
CUS
Pin-strap
page 64
E0h
SEQUENCE
Identifies the Rail
DDC ID to perform
multi-rail sequencing.
R/W
Word
BIT
0000h
Prequel and Sequel
Disabled
page 65
E1h
TRACK_CONFIG
Configures voltage
tracking modes
R/W
Byte
BIT
Pin-strap setting
page 66
E2h
DDC_GROUP
Sets rail DDC IDs to
obey faults and
margining spreading
information.
R/W
Block
BIT
Ignore Broadcast
VOUT_COMMAND,
OPERATION
page 66
E4h
DEVICE_ID
Returns the 16-byte
(character) device
identifier string.
Read
Block
ASC
Reads Device
Version
page 67
E5h
MFR_IOUT_OC_FAULT_
RESPONSE
Configures the IOUT
overcurrent fault
response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 67
E6h
MFR_IOUT_UC_FAULT_
RESPONSE
Configures the IOUT
undercurrent fault
response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 67
E7h
IOUT_AVG_OC_FAULT_LIMIT
Sets the IOUT
average overcurrent
fault threshold.
R/W
L11
Set by SYNC/OCP
pin-strap
page 68
Command
Code
Command
Name
Description
Type
Data
Format
Default
Value
Default
Setting
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com