Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8274M Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 9Page - Renesas Technology Corp ISL8274M Datasheet HTML 10Page - Renesas Technology Corp ISL8274M Datasheet HTML 11Page - Renesas Technology Corp ISL8274M Datasheet HTML 12Page - Renesas Technology Corp ISL8274M Datasheet HTML 13Page - Renesas Technology Corp ISL8274M Datasheet HTML 14Page - Renesas Technology Corp ISL8274M Datasheet HTML 15Page - Renesas Technology Corp ISL8274M Datasheet HTML 16Page - Renesas Technology Corp ISL8274M Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
FN8931 Rev.1.00
Page 13 of 81
Jan 4, 2018
ISL8274M
2. Specifications
2.4
Electrical Specifications
VIN = VDD = 12V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply across the
operating temperature range, -40°C to +85°C.
Parameter
Symbol
Test Conditions
Min
(Note 16)
Typ
Max
(Note 16)
Unit
Input and Supply Characteristics
Input Supply Current for
Controller
IDD
VIN = VDD = 12V, VOUT = 0V,
module not enabled
40
50
mA
6V Internal Reference Supply
Voltage
VR6
5.5
6.1
6.6
V
5V Internal Reference Supply
VR5
IVR5 < 5mA
4.5
5.2
5.5
V
2.5V Internal Reference Supply
V25
2.25
2.5
2.75
V
Internal LDO Output Voltage
VCC
5.3
V
Internal LDO Output Current
IVCC
VIN = VDD = 12V, VCC connected
to VDRV, module enabled
50
mA
Input Supply Voltage for
Controller Read Back
Resolution
VDD_READ_RES
±20
mV
Input Supply Voltage for
Controller Read Back Total Error
(Note 19)
VDD_READ_ERR
PMBus Read
±2
% FS
Output Characteristics
Output Voltage Adjustment
Range
VOUT_RANGE
0.54
5.5
V
Output Voltage Set-Point
Resolution
VOUT_RES
Configured using PMBus
±0.025
%VOUT
Output Voltage Set-Point
Accuracy (Notes 17, 19)
VOUT_ACCY
Includes line, load, and
temperature
(-20°C ≤ TA ≤ +85°C)
-1.2
1.2
%
Output Voltage Read Back
Resolution
VOUT_READ_RES
±0.15
% FS
Output Voltage Read Back Total
Error (Note 19)
VOUT_READ_ERR
PMBus read
-2
2
% FS
Output Ripple Voltage
VOUT_RIPPLE
VOUT = 1.5V, COUT = 1 x 470µF
POSCAP + 12 x 100µF ceramic
1%
Output Current Read Back
Resolution
IOUT_READ_RES
ISENSE_CONFIG default setting
0.2
A
Output Current Range (Note 18)
IOUT_RANGE
Per channel
30
A
Output Current Read Back Total
Error
IOUT_READ_ERR
PMBus read at max load
VOUT = 1.5V
±3
A
Soft-Start and Sequencing
Delay Time from Enable to VOUT
Rise
tON_DELAY
Configured using PMBus
2300
ms
tON_DELAY Accuracy
tON_DELAY_ACCY
±2
ms
Output Voltage Ramp-Up Time
tON_RISE
Configured using PMBus
0.5
120
ms
Output Voltage Ramp-Up Time
Accuracy
tON_RISE_ACCY
±250
µs
Delay Time from Disable to
VOUT Fall
tOFF_DELAY
Configured using PMBus
2300
ms
tOFF_DELAY Accuracy
tOFF_DELAY_ACCY
±2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com