Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8274M Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 19Page - Renesas Technology Corp ISL8274M Datasheet HTML 20Page - Renesas Technology Corp ISL8274M Datasheet HTML 21Page - Renesas Technology Corp ISL8274M Datasheet HTML 22Page - Renesas Technology Corp ISL8274M Datasheet HTML 23Page - Renesas Technology Corp ISL8274M Datasheet HTML 24Page - Renesas Technology Corp ISL8274M Datasheet HTML 25Page - Renesas Technology Corp ISL8274M Datasheet HTML 26Page - Renesas Technology Corp ISL8274M Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
FN8931 Rev.1.00
Page 23 of 81
Jan 4, 2018
ISL8274M
4. Functional Description
Table 4. Soft-Start/Stop and Tracking Resistor Settings
TON_DELAY
TOFF_DELAY (ms)
TON_RISE
TOFF_FALL (ms)
Tracking
R (kΩ)
Ch1
Ch2
Ch1
Ch2
Ch1
Ch2
5
5
2
2
No
No
LOW
5
525
No
No
OPEN
5
5
5
2
No
No
HIGH
5
555
No
No
10
5102
2
No
No
11
5
10
2
5
No
No
12.1
5
10
5
2
No
No
13.3
5
10
5
5
No
No
14.7
10
5
2
2
No
No
16.2
10
5
2
5
No
No
17.8
10
5
5
2
No
No
19.6
10
5
5
5
No
No
21.5
20
5
2
2
No
No
23.7
20
5
5
5
No
No
26.1
5
20
2
2
No
No
28.7
5
20
2
5
No
No
31.6
5
20
5
2
No
No
34.8
5
20
5
5
No
No
38.3
5N/A
2N/A
No
Track 100%
42.2
5
N/A
2
N/A
No
Track 50%
46.4
5N/A
5N/A
No
Track 100%
51.1
5
N/A
5
N/A
No
Track 50%
56.2
10
N/A
2
N/A
No
Track 100%
61.9
10
N/A
2
N/A
No
Track 50%
68.1
10
N/A
5
N/A
No
Track 100%
75
10
N/A
5
N/A
No
Track 50%
82.5
N/A
5
N/A
2
Track 100%
No
90.9
N/A
5
N/A
2
Track 50%
No
100
N/A
5
N/A
5
Track 100%
No
110
N/A
5
N/A
5
Track 50%
No
121
N/A
10
N/A
2
Track 100%
No
133
N/A
10
N/A
2
Track 50%
No
147
N/A
10
N/A
5
Track 100%
No
162
N/A
10
N/A
5
Track 50%
No
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com