Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8274M Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 17Page - Renesas Technology Corp ISL8274M Datasheet HTML 18Page - Renesas Technology Corp ISL8274M Datasheet HTML 19Page - Renesas Technology Corp ISL8274M Datasheet HTML 20Page - Renesas Technology Corp ISL8274M Datasheet HTML 21Page - Renesas Technology Corp ISL8274M Datasheet HTML 22Page - Renesas Technology Corp ISL8274M Datasheet HTML 23Page - Renesas Technology Corp ISL8274M Datasheet HTML 24Page - Renesas Technology Corp ISL8274M Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
FN8931 Rev.1.00
Page 21 of 81
Jan 4, 2018
ISL8274M
4. Functional Description
4.
Functional Description
4.1
SMBus Communications
The ISL8274M provides a PMBus digital interface that enables the user to configure all aspects of the module
operation as well as monitor the input and output parameters. The ISL8274M can be used with any SMBus host
device. In addition, the module is compatible with PMBus Power System Management Protocol Specification Parts
I and II version 1.2. The ISL8274M accepts most standard PMBus commands. When configuring the device using
PMBus commands, it is recommended that the enable pin is tied to SGND.
The SMBus device address is the only parameter that must be set by the external pins. All other device parameters
can be set using PMBus commands.
The ISL8274M can operate without the PMBus in pin-strap mode with configurations programmed by pin-strap
resistors, such as output voltage, ASCR setting, switching frequency, OCP limit, device SMBus address, input
UVLO, soft-start/stop, and tracking.
4.2
Output Voltage Selection
The output voltages of both channels may be set to a voltage between 0.6V and 5V if the input voltage is higher
than the desired output voltage by an amount sufficient to maintain regulation.
The VSET1/2 pins are used to set the output voltage VOUT1/2 to levels as shown in Table 3. The RSET1/2 resistor
is placed between the VSET1/2 pins and SGND. A standard 1% resistor is required.
Table 3. Output Voltage Resistor Settings
VOUT1/2 (V)
RSET1/2 (kΩ)
1LOW
1.5
OPEN
3.3
HIGH
0.6
10
0.675
11
0.7
12.1
0.72
13.3
0.75
14.7
0.8
16.2
0.85
17.8
0.9
19.6
0.93
21.5
0.95
23.7
0.98
26.1
1.03
28.7
1.05
31.6
1.1
34.8
1.12
38.3
1.15
42.2
1.2
46.4
1.25
51.1
1.3
56.2
1.35
61.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com