Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MEVAL2Z Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 34Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 35Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 36Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 37Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 38Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 39Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 40Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 41Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 38 of 59
Nov 8, 2017
TON_RISE (61h)
Definition: Sets the rise time of VOUT after ENABLE and TON_DELAY. In multi-module current sharing configuration where ASCR is
disabled for start up, the rise time of VOUT can be approximately calculated by Equation 1.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin strap setting
Units: ms
Range: 0 to 200ms
TOFF_DELAY (64h)
Definition: Sets the delay time from DISABLE to the start of VOUT fall.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin strap setting
Units: ms
Range: 0 to 500ms
TOFF_FALL (65h)
Definition: Sets the soft-off fall time for VOUT after DISABLE and TOFF_DELAY.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin strap setting
Units: ms
Range: 0 to 200ms
STATUS_BYTE (78h)
Definition: Returns one byte of information with a summary of the most critical faults.
Data Length in Bytes: 1
Data Format: BIT
Type: Read-only
Default Value: 00h
Units: N/A
BIT NUMBER
STATUS BIT NAME
MEANING
7
BUSY
A fault was declared because the device was busy and unable to respond.
6
OFF
This bit is asserted if the unit is not providing power to the output, regardless of
the reason, including simply not being enabled.
5
VOUT_OV_FAULT
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
An input undervoltage fault has occurred.
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory or logic fault has occurred.
0
NONE OF THE ABOVE
A fault or warning not listed in Bits 7:1 has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com