Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MEVAL2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 20 of 59
Nov 8, 2017
Output Overvoltage Protection
The ISL8272M offers an internal output overvoltage protection
circuit that can protect sensitive load circuitry from being
subjected to a voltage higher than its prescribed limits. A
hardware comparator compares the actual output voltage (seen
at the VSENP and VSENN pins) to a threshold set to 15% higher
than the target output voltage (the default setting). The fault
threshold can be programmed to a desired level with the PMBus
command VOUT_OV_FAULT_LIMIT. If the VSENP voltage exceeds
this threshold, the module will initiate an immediate shutdown
without retry. A 70ms continuous retry can be enabled with the
PMBus command VOUT_OV_FAULT_RESPONSE. Note that fault
retry is not supported in the current sharing configuration.
Internal to the module, two 22Ω resistors are populated from
VOUT to VSENP and SGND to VSENN to protect from overvoltage
conditions in case of open at voltage sensing pins and
differential remote sense traces due to assembly error. As long
as differential remote sense traces have low resistance, VOUT
regulation accuracy is not sacrificed.
Output Prebias Protection
An output prebias condition exists when an externally applied
voltage is present on a power supply’s output before the power
supply’s control IC is enabled. Certain applications require that
the converter not be allowed to sink current during start-up if a
prebias condition exists at the output. The ISL8272M provides
prebias protection by sampling the output voltage prior to
initiating an output ramp.
If a prebias voltage lower than the target voltage exists after the
pre-configured delay period has expired, the target voltage is set
to match the existing prebias voltage and both drivers are
enabled. The output voltage is then ramped to the final
regulation value at the pre-configured ramp rate.
The actual time the output takes to ramp from the prebias
voltage to the target voltage varies, depending on the prebias
voltage; however, the total time elapsed from when the delay
period expires to when the output reaches its target value will
match the pre-configured ramp time (see Figure 26).
If a prebias voltage is higher than the target voltage after the pre-
configured delay period has expired, the target voltage is set to
match the existing prebias voltage and both drivers are enabled
with a PWM duty cycle that would ideally create the prebias
voltage.
Once the preconfigured soft-start ramp period has expired, the
PG pin is asserted (assuming the prebias voltage is not higher
than the overvoltage limit). The PWM then adjusts its duty cycle
to match the original target voltage and the output ramps down
to the pre-configured output voltage.
If a prebias voltage is higher than the overvoltage limit, the
device does not initiate a turn-on sequence and declares an
overvoltage fault condition. The device then responds based on
the output overvoltage fault response setting programmed with
the PMBus command VOUT_OV_FAULT_RESPONSE.
Output Overcurrent Protection
The ISL8272M can protect the power supply from damage if the
output is shorted to ground or if an overload condition is imposed
on the output. Average output overcurrent fault threshold can be
programmed with the PMBus command IOUT_OC_FAULT_LIMIT.
The module automatically programs the peak inductor current
fault threshold by calculating the inductor ripple current from the
input voltage, switching frequency, and the VOUT_COMMAND.
When the peak inductor current crosses the peak inductor
current fault threshold for three successive switching cycles it will
initiate an immediate shutdown.
The default response from an overcurrent fault is an immediate
shutdown without retry. A 70ms continuous retry can be enabled
with the PMBus command MFR_IOUT_OC_FAULT_RESPONSE. It
is required to enable the output undervoltage fault retry with the
PMBus command VOUT_UV_FAULT_RESPONSE command
simultaneously if the overcurrent fault retry is enabled. Note that
fault retry is not supported in the current sharing configuration.
82.5
2Fh
90.9
30h
100
31h
110
32h
121
33h
133
34h
147
35h
162
36h
178
37h
TABLE 8. SMBus ADDRESS RESISTOR SELECTION (Continued)
RSA (kΩ)SMBus ADDRESS
FIGURE 26. OUTPUT RESPONSES TO PREBIAS VOLTAGES
DESIRED OUTPUT
VOLTAGE
PREBIAS
VOLTAGE
VOUT
TIME
TON-
DELAY
TON-
RISE
DESIRED OUTPUT
VOLTAGE
PREBIAS
VOLTAGE
VOUT
TIME
VPREBIAS < VTARGET
VPREBIAS > VTARGET
TON-
RISE
TON-
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com