Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MEVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 21 of 59
Nov 8, 2017
Thermal Overload Protection
The ISL8272M includes a thermal sensor that continuously
measures the internal temperature of the module and shuts
down the controller when the temperature exceeds the preset
limit. The default temperature limit is set to +125°C in the
factory, but can be changed with PMBus command
OT_FAULT_LIMIT.
The default response from an over-temperature fault is an
immediate shutdown without retry. Retry settings can be
programmed with the PMBus command OT_FAULT_RESPONSE.
Hysteresis is implemented with the over-temperature fault retry.
If retry is enabled, the module will shut down immediately upon
an over-temperature fault event and then check the temperature
every 70ms. If the temperature falls below the over-temperature
warning level, the module will restart. The over-temperature
warning is +105°by default and programmable with the PMBus
command OT_WARN_LIMIT. Note that fault retry is not supported
in the current sharing configuration.
Digital-DC Bus
The Digital-DC Communications (DDC) bus is used to
communicate between Intersil digital power modules and digital
controllers. This dedicated bus provides the communication
channel between devices for features such as current sharing,
sequencing, and fault spreading. The DDC pin on all Digital-DC
devices in an application should be connected together. A pull-up
resistor is required on the DDC bus in order to guarantee the rise
time as shown in Equation 2:
where RPU is the DDC bus pull-up resistance and CLOAD is the
bus loading. The pull-up resistor may be tied to an external 3.3V
or 5V supply as long as this voltage is present prior to or during
device power-up. In principle, each device connected to the DDC
bus presents approximately 10pF of capacitive loading and each
inch of FR4 PCB trace introduces approximately 2pF. The ideal
design uses a central pull-up resistor that is well-matched to the
total load capacitance.
Active Current Sharing
Paralleling multiple ISL8272M modules can increase the output
current capability of a single power rail. By connecting the DDC
and SYNC pins of each module together and configuring the
modules as a current sharing rail, the units will share the current
equally within a few percent.
Figure 27 illustrates a typical connection for two modules.
The ISL8272M uses a DDC bus based digital current sharing
technique to balance the steady state module output current by
aligning the load lines of member modules to a reference
module.
When multiple ISL8272M modules are connected for current
sharing, a non-zero active droop resistance must be set to add
artificial resistance in the output voltage path to control the slope
of the load line curve, calibrating out the physical parasitic
mismatches due to power train components and PCB layout. The
active droop resistance can be programmed with the PMBus
command VOUT_DROOP based on Equation 3. Typically, higher
droop value offers a more accurate dynamic current sharing at
the sacrifice of output load regulation. 1% droop at full load will
be a good trade-off between output load regulation and dynamic
current sharing.
Upon system start-up, the module with the lowest device position
as selected in DDC_CONFIG is defined as the reference module.
The remaining modules are members. The reference module
broadcasts its current over the DDC bus. The members use the
reference current information to trim their voltages (VMEMBER) to
balance the current loading of each module in the system.
Rise Time
RPUCLOAD 1s
=
(EQ. 2)
ISL8272M
VOUT
ISL8272M
VIN
COUT
CIN
COUT
CIN
DDC
DDC
3.3V TO 5V
SYNC
SYNC
FIGURE 27. CURRENT SHARING GROUP
VOUT
ILOAD MAX

---------------------------------- 0.005
Droop
VOUT
ILOAD MAX

---------------------------------- 0.01
5

(EQ. 3)
-R
-R
VREFERENCE
VMEMBER
IMEMBER
IREFERENCE
IOUT
FIGURE 28. ACTIVE CURRENT SHARING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com