Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MEVAL2Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 13 of 59
Nov 8, 2017
Typical Performance Curves
Efficiency Performance Operating condition: TA = +25°C, no air flow. COUT = 1340µF. Typical values are used unless otherwise noted.
FIGURE 6. EFFICIENCY vs OUTPUT CURRENT AT VIN = 5V,
fSW = 300kHz FOR VARIOUS OUTPUT VOLTAGES
FIGURE 7. EFFICIENCY VS SWITCHING FREQUENCY AT VIN = 5V,
IOUT = 50A FOR VARIOUS OUTPUT VOLTAGES
FIGURE 8. EFFICIENCY vs OUTPUT CURRENT AT VIN = 9V,
fSW = 300kHz FOR VARIOUS OUTPUT VOLTAGES
FIGURE 9. EFFICIENCY vs SWITCHING FREQUENCY AT VIN = 9V,
IOUT = 50A FOR VARIOUS OUTPUT VOLTAGES
FIGURE 10. EFFICIENCY vs OUTPUT CURRENT AT VIN = 12V,
fSW = 300kHz FOR VARIOUS OUTPUT VOLTAGES
FIGURE 11. EFFICIENCY vs SWITCHING FREQUENCY AT VIN = 12V,
IOUT = 50A FOR VARIOUS OUTPUT VOLTAGES
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
35
40
45
50
0.8V
1V
1.2V
1.8V
2.5V
3.3V
IOUT (A)
0.85
0.87
0.89
0.91
0.93
0.95
0.97
300 350 400 450 500 550 600 650 700 750 800 850 900
Switching Frequency (kHz)
1V
1.2V
1.8V
2.5V
3.3V
0.8V
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
35
40
45
50
0.8V
1V
1.2V
1.8V
2.5V
3.3V
IOUT (A)
5V
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
300 350 400 450 500 550 600 650 700 750 800 850 900
SWITCHING FREQUENCY (kHz)
1V
1.2V
1.8V
2.5V
3.3V
0.8V
5V
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
35
40
45
50
0.8V
1V
1.2V
1.8V
2.5V
3.3V
IOUT (A)
5V
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
300 350 400 450 500 550 600 650 700 750 800 850 900
SWITCHING FREQUENCY (kHz)
1V
1.2V
1.8V
2.5V
3.3V
0.8V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com