Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8226 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV8226
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8226 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV8226 Datasheet HTML 82Page - STMicroelectronics STV8226 Datasheet HTML 83Page - STMicroelectronics STV8226 Datasheet HTML 84Page - STMicroelectronics STV8226 Datasheet HTML 85Page - STMicroelectronics STV8226 Datasheet HTML 86Page - STMicroelectronics STV8226 Datasheet HTML 87Page - STMicroelectronics STV8226 Datasheet HTML 88Page - STMicroelectronics STV8226 Datasheet HTML 89Page - STMicroelectronics STV8226 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
Electrical Characteristics
STV82x6
86/97
11
Electrical Characteristics
A 10 k
Ω load is applied to all outputs.
11.1
Absolute Maximum Ratings
Note:
Analog supply voltages (VDDIF, VDDC and VDDA) are regulated by internal circuits. For more
information, refer to Section 7.1: Supply Voltages.
11.2
Thermal Data
11.3
Supply
Test Conditions: TOPER = 25° C, VDDH = 8 V, VDDA is supplied by 8 V via 330 Ω, VDDIF is connected
to VDDC and is supplied by 5 V via 22 Ω and DVDD (VDD1, VDD2 and VDDP) is supplied by 5 V via an
external ballast transistor. For more information, refer to Figure 4 on page 7.
Symbol
Parameter
Value
Units
DVDD
Digital Supply Voltage (VDD1, VDD2, VDDP)
4.6
V
HVDD
Analog Supply High Voltage (VDDH)
9.5
V
VESD
Capacitor 100 pF discharged via 1.5 k
Ω serial resistor (Human Body Model)
±4
kV
TOPER
Operating Ambient Temperature
0, +70
°C
TSTG
Storage Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
RthJA
Junction-to-Ambient Thermal Resistance
SDIP56
TQFP80
40
42
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
DVDD
Digital Supply Voltage (VDD1, VDD2, VDDP)
3.0
3.3
3.6
V
HVDD
Analog Supply High Voltage (VDDH)
7.6
8.0
8.4
V
AVDD
Analog Supply Voltage (VDDIF, VDDC, VDDA)
3.0
3.3
3.6
V
IVDD
VDD Current Consumption (VDD1, VDD2, VDDP)
130
160
190
mA
IVDDIF
IVDDC
VDDIF Current Consumption (VDDIF, VDDC)
60
75
85
mA
IVDDA
VDDA Current Consumption
712
18
mA
IVDDH
VDDH Current Consumption
5.0 V
15
mA
8.0 V
15
25
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com