Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8226 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV8226
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8226 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV8226 Datasheet HTML 6Page - STMicroelectronics STV8226 Datasheet HTML 7Page - STMicroelectronics STV8226 Datasheet HTML 8Page - STMicroelectronics STV8226 Datasheet HTML 9Page - STMicroelectronics STV8226 Datasheet HTML 10Page - STMicroelectronics STV8226 Datasheet HTML 11Page - STMicroelectronics STV8226 Datasheet HTML 12Page - STMicroelectronics STV8226 Datasheet HTML 13Page - STMicroelectronics STV8226 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
General Description
STV82x6
10/97
1.3
I/O Pin Description
Legend / Abbreviations for Table 2:
Type:
● AP
= Analog Power Supply
● DP
= Digital Power Supply
● I
= Input
● O
= Output
● OD
= Open Drain
● B
= Bidirectional
● A
= Analog
Table 2: Pin Description
SDIP
56
TQFP
80
Name
Type
Function
1
73
SIF
A
Sound IF Input
274
VTOP
A
ADC VTOP Decoupling Pin
3
75
VREFIF
A
AGC Voltage Reference Decoupling Pin
4
76
VDDIF
AP
3.3 V Power Supply for IF AGC & ADC
5
77
GNDIF
AP
0 V Power Supply for IF AGC & ADC
6
78
MONOIN
A
Mono Input
79/80
N/C
Not Used
7
1
AO1L
A
Left SCART1 Audio Output
8
2
AO1R
A
Right SCART1 Audio Output
-
3/4/5/6
N/C
Not used
9
7
VDDC
AP
3.3 V Power Supply for Audio DAC/ADC
10
8
GNDC
AP
0 V Power Supply for DAC/ADC
11
9
AI1L
A
Left SCART1 Audio Input
12
10
AI1R
A
Right SCART1 Audio Input
13
11
VMC1
A
Switched VREF Decoupling Pin for Audio Converters (VMCP)
-
12
N/C
Not used
14
13
VMC2
A
VREF Decoupling Pin for Audio Converters (VMC)
15
14
AI2L
A
Left SCART2 Audio Input
16
15
AI2R
A
Right SCART2 Audio Input
17
16
VDDA
AP
3.3 V Power Supply for Audio Buffers, Matrix & Bias
18
17
GNDAH
AP
0 V Power Supply for Audio Buffers & SCART
19
18
AO2L
A
Left SCART2 Audio Output
20
19
AO2R
A
Right SCART2 Audio Output
21
20
VDDH
AP
8 V / 5 V Power Supply for SCART & Audio Buffers
-
21
N/C
Not Used
22
22
VREFA
A
Voltage Reference for Audio Buffers
23
23
AI3L
A
Left SCART3 Audio Input
24
24
AI3R
A
Right SCART3 Audio Input
-
25
N/C
Not Used
25
26
BGAP
A
Bandgap Voltage Source Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com