Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8226 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8226
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8226 Datasheet(HTML) 1 Page - STMicroelectronics

  STV8226 Datasheet HTML 1Page - STMicroelectronics STV8226 Datasheet HTML 2Page - STMicroelectronics STV8226 Datasheet HTML 3Page - STMicroelectronics STV8226 Datasheet HTML 4Page - STMicroelectronics STV8226 Datasheet HTML 5Page - STMicroelectronics STV8226 Datasheet HTML 6Page - STMicroelectronics STV8226 Datasheet HTML 7Page - STMicroelectronics STV8226 Datasheet HTML 8Page - STMicroelectronics STV8226 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
DATASHEET
®
STV82x6
Multistandard TV Audio Processor
and Digital Sound Demodulator
February 2005
1/97
Rev. 3
This device incorporates the
SRS (Sound Retrieval
System) under licence from
SRS Labs, Inc.
Key Features
■ NICAM, AM, FM Mono and FM 2 Carrier
Stereo Demodulators for all sound carriers
between 4.5 and 7 MHz
■ Mono input provided for optimum AM
Demodulation performances
■ Demodulation controlled by Automatic
Standard Recognition System
■ Sound IF AGC with wide range
■ Overmodulation and Carrier Offset recovery
■ Smart Volume Control
■ 5-band Equalizer & Bass/Treble Control
■ Automatic Loudness Control
■ Loudspeaker and Headphone outputs with
Volume/Balance Controls and Beeper
■ Subwoofer output with Volume Control and
Programmable Bandwidth
■ Spatial Sound Effects
(ST WideSurround and
Pseudo-Stereo)
■ SRS® 3D Surround
■ 3-to-2 Analog Stereo Audio I/Os (SCART
compatible) with Audio Matrix
■ Low-noise Audio Mutes and Switches
■ I²S Output to interface with Dolby® Pro
Logic
® Decoder
■ I²C Bus-controlled
■ Single and standard 27 MHz Crystal
Oscillator
■ Power supplies: 3.3 V Digital, 5 V or 8 V
Analog
■ Embedded 3.3 V Regulators
■ Packages: SDIP56 or TQFP80
Audio
AGC
Audio
A/D
A/D
SIF
AI1L
AI1R
LSL
LSR
SW
Matrix
AI2L
AI2R
AI3L
AI3R
Input
Stereo
MONOIN
Multi-Standard
Demodulator
Digital
Audio
Matrix
Analog
FM, AM, A2
and NICAM
Loudspeaker Audio Processing
Smart Volume Control, ST WideSurround,
5-band Equalizer and Loudness,
Headphone Audio Processing
Smart Volume Control,
Beeper and Subwoofer Output
Bass/Treble and Beeper
I²S Interface
Audio
Stereo
D/A
Audio
Stereo
D/A
Audio
Stereo
D/A
Vol./
Low Noise
Audio Mute
1Vrms
HPL
HPR
Low Noise
Audio Mute
1Vrms
I²C Interface
Gain
Audio
Matrix
Output
Analog
Low Noise
Audio Mute
Low Noise
Audio Mute
2Vrms
2Vrms
AO1L
AO1R
AO2L
AO2R
0.5Vrms
2Vrms
2Vrms
2Vrms
Single Crystal
Clock Generation
Audio Matrixing
Audio Processing
Demodulation
Power Supply Management
DC Regulators, Standby mode
I²C Bus Expander
Sound IF
Headphone
Subwoofer
Loudspeaker
Headphone
Detection
Mono In
STV82x6
Digital Stereo
Bal.
Vol./
Bal.


Similar Part No. - STV8226

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
STV8225 STMICROELECTRONICS-STV8225 Datasheet
90Kb / 6P
AM SIF CIRCUIT
Feb-1995
More results

Similar Description - STV8226

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
TV sound AM-demodulator and audio source switch
June 1994
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
Digital TV sound demodulator/decoder
1998 Apr 27
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
MULTISTANDARD TV SOUND DEMODULATOR
Jan-1999
logo
Micronas
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
Multistandard Sound Processor
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
Multistandard Sound Processor
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com