Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8226 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV8226
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8226 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV8226 Datasheet HTML 83Page - STMicroelectronics STV8226 Datasheet HTML 84Page - STMicroelectronics STV8226 Datasheet HTML 85Page - STMicroelectronics STV8226 Datasheet HTML 86Page - STMicroelectronics STV8226 Datasheet HTML 87Page - STMicroelectronics STV8226 Datasheet HTML 88Page - STMicroelectronics STV8226 Datasheet HTML 89Page - STMicroelectronics STV8226 Datasheet HTML 90Page - STMicroelectronics STV8226 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
87/97
STV82x6
Electrical Characteristics
11.4
Crystal Recommendations
11.5
Analog Sound IF Signal Recommendations
Symbol
Parameter
Min.
Typ.
Max.
Units
FP
Crystal Parallel Resonance Frequency (at 22 pF load capacitor)
27
MHz
DF/FP
Frequency Tolerance at 25 °C
-50
+50
ppm
DF/FT
Frequency Stability versus Temperature within a range from 0 to 70 °C
-50
+50
ppm
C1
Motional Capacitor
8
fF
RS
Serial Resistance
50
Ω
CS
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FSIF
SIF Carrier Frequency
48
MHz
RINSIF
SIF Input Resistance
4.567.5
k
Ω
DCINSIF
SIF Input DC Level
1.47
V
CINSIF
SIF Input Capacitance
15
pF
FM Carrier
VSIFFM
SIF Input Level for FM Carrier
0.02
1.6
VPP
DEVFM
FM Deviation
FM50k (Standard)
±15
±50
±125
kHz
FM200k (DK only)
±200
FM350k (DK only)
±350
FM500k (DK mono only)
±500
DFSIFFM
SIF Carrier Accuracy for FM
Standard (FM50k)
±1
±5
kHz
Shifted Standard (FM50k with
DCO compensation)
±120
kHz
RFM1/FM2
Carrier Ratio FM1/FM2 for A2 System
7dB
RFM/QPSK
Carrier Ratio FM/QPSK for NICAM System
13
dB
AM Carrier
VSIFAM
SIF Input Level for AM Carrier (Unmodulated)
0.04
0.8
VPP
DEVAM
Modulation Depth for AM
0
100
%
DFSIFAM
SIF Carrier Accuracy for AM
±1
±5
kHz
RAM/QPSK
AM/QPSK Carrier Ratio for NICAM System
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com