Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL9219 Datasheet HTML 1Page - Renesas Technology Corp ISL9219 Datasheet HTML 2Page - Renesas Technology Corp ISL9219 Datasheet HTML 3Page - Renesas Technology Corp ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 3 of 12
April 7, 2010
End-of-Charge Threshold
IMIN
For any input type
30
50
70
mA
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECH
4.05
4.1
4.15
V
TRICKLE CHARGE THRESHOLD
Trickle Charge Threshold Voltage
VMIN
PRECH is floating
2.9
3.0
3.1
V
Trickle Charge Threshold Voltage
VMIN
RPRECH = 82.5k
2.375
2.475
2.575
V
Trickle Charge Threshold Hysteresis
VMIN_HYS
35
60
150
mV
TEMPERATURE MONITORING
Constant Current Source For TS
ITS
4.8
5.0
5.3
µA
Low Battery Temperature Threshold
VTMIN
1.86
1.88
1.91
V
High Battery Temperature Threshold
VTMAX
0.145
0.16
0.175
V
Battery Removal Threshold
VRMV
-2.25-
V
Charge Current Foldback Threshold
TFOLD
-125
-
°C
Current Foldback Gain
GFOLD
-
100
-
mA
/°C
OSCILLATOR
Oscillation Period
tOSC
CTIME = 15nF
2.5
3.0
3.3
ms
DE-GLITCH TIME
De-Glitch Time For EOC, Recharge
tDEG
40
100
170
ms
LOGIC INPUT AND OUTPUT
Input High (USBI, EN, AC_IN)
1.4
-
-
V
Input Low (USBI, EN, AC_IN)
--
0.4
V
Open Drain Leakage Current When HI
(STAT1, STAT2, ACFLT, TRKL)
Pin Voltage = 6V
-
-
1
µA
Open Drain Sink Current When LOW
(STAT1, STAT2, ACFLT, TRKL)
Pin Voltage = 0.3V
20
-
-
mA
VIN to PG Switch
PMOSFET ON-Resistance
rDS(ON)
-3
5
Maximum Output Current
IPG
-60-
mA
Electrical Specifications
Typical values are tested at VIN = 5V and +25°C Ambient Temperature, maximum and minimum values are
established over the Recommended Operating Conditions, unless otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com