Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9219 Datasheet HTML 1Page - Renesas Technology Corp ISL9219 Datasheet HTML 2Page - Renesas Technology Corp ISL9219 Datasheet HTML 3Page - Renesas Technology Corp ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 4 of 12
April 7, 2010
Pin Descriptions
VIN (Pins 1, 20)
Input supply voltage, Connect a 1µF ceramic capacitor to
power ground.
USBI (Pin 2)
USB power type selection logic input. When this pin is left
floating or driven to logic LOW, the USB port is regarded as
a low-power port with 100mA maximum output current. In
such cases, the charge current is internally set to 85mA.
When this pin is driven to logic HIGH, the USB port is
considered a high-power port with a 500mA maximum
current available. In such cases, the charge current is set at
430mA regardless of the ISET resistor. There is a 600k
pull-down resistor between the USBI pin to GND.
AC_IN (Pin 3)
Input source type configuration pin. Pull this pin to logic HI to
configure the charger for an AC adapter. If this pin is left
floating or driven to logic LO, the charger is configured for
USB source type, where the charge current is set at 430mA
or 85mA, depending on the USBI status. There is a 600k
pull-down resistor between the AC_IN pin to GND.
TRKL (Pin 4)
Open-drain indication pin which turns on when charger is in
trickle mode, otherwise turns off. This pin is capable to sink
20mA minimum current to drive an LED.
STAT1 (Pin 5)
Open-drain indication pin. In conjunction with STAT2 this pin
provides a unique indication for each charging state of the
cycle. This pin is capable to sink 20mA minimum current to
drive an LED.
STAT2 (Pin 6)
Open-drain indication pin. In conjunction with STAT1 this pin
provides a unique indication for each charging state of the
cycle. This pin is capable to sink 20mA minimum current to
drive an LED.
PRECH (Pin 7)
Pre-charge threshold voltage programming input pin.
Connect a resistor between this pin and GND to set the
threshold voltage by Equation 1:
Where RPRECH is in k, valid for RPRECH 100k.
ISET (Pin 8)
Charge-current programing and monitoring pin. Connect a
resistor between this pin and the GND pin to set the charge
current limit by Equation 2:
Where RISET is in k.
The ISET pin voltage also monitors the actual charge current
during the entire charge cycle, including the trickle, constant-
current, and constant-voltage phases. However, when the
dropout voltage is reached, the ISET pin voltage will no
longer follow the output current due to fact that the output
current is no longer controlled by the IC. When disabled,
VISET = 0V
ACFLT (Pin 9)
Open-drain indication pin which turns off when
the adapter
plugged in does not have sufficient current rating and
the resulting input voltage is dropped to below 4.4V.
This pin is capable to sink 20mA minimum current to drive an
LED. The open drain indication also turns off when an input
OVP condition (VIN > 6V) is encountered.
EN (Pin 10)
IC enable input. Drive this pin to logic LO or leave it floating
to enable the charger. Drive this pin to logic HI to disable the
charger. There is a 600k pull-down resistor between the EN
pin to GND.
PG (Pin 14)
The PG pin will be connected to VIN through an internal
P-Channel MOSFET when VIN is within the power good
window. Otherwise the PG pin is in a high impedance
(floating) state. When VIN is within the power good window,
the PG pin can source 20mA output current for the down
stream circuit. It is recommended that a 2.2µF ceramic
capacitor be connected at the PG pin to absorb any transient
voltage due to the delay turning off the PMOS under a fast
OVP condition.
TS (Pin 15)
Input for an external NTC thermistor for temperature
monitoring. A 5µA internal current source is provided at this
pin and the pin voltage is monitored and compared with the
set thresholds to provide over temperature protection.
TIMER (Pin 12)
The TIMER pin sets the oscillation period by connecting a
timing capacitor between this pin and GND. The oscillator
also provides a time reference for the charger. The timer
function can be disabled by connecting the TIMER pin to
GND. If the timer is disabled, there will be no timeout
function for any operation mode including trickle charge and
fast charge modes.
VPRECH
3RPRECH
100
----------------------------------
V

=
(EQ. 1)
IOUT
24000
RISET
-----------------
mA

=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com