Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9219 Datasheet HTML 1Page - Renesas Technology Corp ISL9219 Datasheet HTML 2Page - Renesas Technology Corp ISL9219 Datasheet HTML 3Page - Renesas Technology Corp ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN6606 Rev 2.00
Page 1 of 12
April 7, 2010
FN6606
Rev 2.00
April 7, 2010
ISL9219
Li-ion Battery Charger
DATASHEET
The ISL9219 is a fully integrated high input voltage
single-cell Li-ion battery charger. This charger is fully in
compliance with the USB electrical specification. The
charger performs the CC/CV charge function required by
Li-ion batteries. The charger accepts an input voltage up to
28V but is disabled when the input voltage exceeds the OVP
threshold, typically 6V, to prevent excessive power
dissipation. The 28V rating eliminates the overvoltage
protection circuit required in a low input voltage charger.
The fast charge current is programmable with an external
resistor, and the end-of-charge (EOC) current is fixed at
50mA for any input source type. When the input power
source is identified as a USB port, the host controller will
further identify the power type of the port and drive the USBI
pin accordingly.
When the battery voltage is lower than the pre-charge
threshold, which is also programmable with an external
resistor, the charger preconditions the battery with an 85mA
constant current. Charge is complete when the charge current
reduces to the EOC current level during the CV charge phase.
The STAT1 and STAT2 provide unique indication for each
charging condition. An internal thermal foldback function
protects the charger from any thermal failure.
The STAT1, STAT2, TRKL and ACFLT pins are of open drain
type, allowing a simple interface to a microprocessor or an
LED. When no adapter is attached or when disabled, the
charger draws less than 1µA leakage current from the
battery.
Additional features include an OVP protected power-good
source, preconditioning of an over-discharged battery, an
NTC thermistor interface for charging the battery in a safe
temperature range, automatic recharge, and thermally
enhanced QFN package.
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 0.7% Voltage Accuracy
• Programmable Charge Currents
• 250µA (Typ) Suspend Quiescent Current
• USB 100mA/500mA Comply
• Charge Current Thermal Foldback for Thermal Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Charge Status Indication
• Less than 1µA Leakage Current Off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to +85°C
• Pb-free (RoHS Compliant)
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packaged Semiconductor Devices”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Pinout
ISL9219
(20 LD 3X4 QFN)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL9219IRZ*
219
-40 to +85 20 Ld 3x4 QFN L20.3x4
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
VIN
AC_IN
TRKL
USBI
STAT1
VOUT
PG
NC
TS
TIMER
1
2
3
4
5
789
10
16
15
14
13
12
20
19
18
17
STAT2
GND
611


Similar Part No. - ISL9219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219 INTERSIL-ISL9219 Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9219 INTERSIL-ISL9219 Datasheet
229Kb / 12P
Li-ion Battery Charger
April 7, 2010
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
229Kb / 12P
Li-ion Battery Charger
April 7, 2010
More results

Similar Description - ISL9219

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com