Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9219 Datasheet HTML 1Page - Renesas Technology Corp ISL9219 Datasheet HTML 2Page - Renesas Technology Corp ISL9219 Datasheet HTML 3Page - Renesas Technology Corp ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 2 of 12
April 7, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
Output Pin Voltage (STAT1, STAT2, PG, ACFLT) . . . . . . -0.3V to 7V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . .28V
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6V
Programmable Charge Current . . . . . . . . . . . . . . . . . . . 50mA to 1A
Thermal Resistance (Junction to Ambient)
JA (°C/W) JC (°C/W)
3x4 QFN Package (Notes 1, 2) . . . .
41
4.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2.
JC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and +25°C Ambient Temperature, maximum and minimum values are
established over the Recommended Operating Conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
VPOR
3.4
3.6
3.8
V
Falling VIN Threshold
VPOR
2.2
2.4
2.6
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
-
90
150
mV
Falling Edge
VOS
10
50
-
mV
AC FAULT DETECTION THRESHOLD
AC Fault Threshold
VACFLT
4.3
4.4
4.5
V
STANDBY CURRENT
VOUT Pin Sink Current
ILEAK
VIN < V POR or EN = HI
-
1
5.0
µA
VIN Pin Supply Current
ISTANDBY
VOUT floating and EN = HI
-
250
300
µA
VIN Pin Supply Current
IRUN
VOUT floating and EN = LO
-
1
2
mA
VOLTAGE REGULATION
Output Voltage
VCH
TA = +25°C, IOUT = 0mA
4.185
4.20
4.215
V
Output Voltage
VCH
IOUT = 0mA
4.169
4.20
4.231
V
Dropout Voltage
VOUT = 4.2V, IOUT = 1A
-
300
430
mV
OVERVOLTAGE PROTECTION
Overvoltage Protection Rising Threshold
VOVPR
5.64
6.0
6.36
V
Overvoltage Protection Falling Threshold
VOVPF
5.54
5.6
-
V
OUTPUT CURRENT
Constant Charge Current
ICHARGE
AC input RISET = 24k
0.9
1.0
1.1
A
Output Current Set Voltage
VISET
2.364
2.4
2.436
V
Constant Charge Current
ICHARGE
USBI = HI
380
430
490
mA
Constant Charge Current
ICHARGE
USBI = LO or floating
65
85
95
mA
Trickle Charge Current
ITRICKLE
For any input type
65
85
95
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com