Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R8SF Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LTRB-R8SF
Description  SMD package with silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-R8SF Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LTRB-R8SF Datasheet HTML 6Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 7Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 8Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 9Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 10Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 11Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 12Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 13Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Version 1.3
LTRB R8SF
2017-11-15
10
Durchlassstrom
8) Seite 21
Forward Current
8) page 21
I
F = f (VF); TS = 25 °C; red
Durchlassstrom
8) Seite 21
Forward Current
8) page 21
I
F = f (VF); TS = 25 °C; true green
Durchlassstrom
8) Seite 21
Forward Current
8) page 21
I
F = f (VF); TS = 25 °C; blue
OHF03754
F
I
V
1.5
F
V
102
5
101
0
10
1.7 1.9
2.1 2.3 2.5
2.9
mA
LTRB R8SF
2,4 2,6 2,8 3,0 3,2 3,4 3,6 3,8
VF [V]
2
3
4
5
10
20
30
40
50
IF [mA]
LTRB R8SF
2,8 3,0 3,2 3,4 3,6 3,8 4,0 4,2
VF [V]
2
3
4
5
10
20
30
40
50
IF [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com