Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R8SF Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LTRB-R8SF
Description  SMD package with silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-R8SF Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LTRB-R8SF Datasheet HTML 8Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 9Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 10Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 11Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 12Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 13Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 14Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 15Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Version 1.3
LTRB R8SF
2017-11-15
12
Dominante Wellenlänge
8) Seite 21
Dominant Wavelength
8) page 21
blue
,
dom = f (IF); TS = 25 °C
Relative Lichtstärke
8) Seite 21
Relative Luminous Intensity
8) page 21
I
V/IV(25 °C) = f (TS); IF = 20 mA
Dominante Wellenlänge
8) Seite 21
Dominant Wavelength
8) page 21
true green
,
dom = f (IF); TS = 25 °C
46IL01004
0
20406080
100
IF [mA]
460
462
464
466
468
470
472
474
λdom[nm]
-40
0.4
-20
0
20
40
I
V (25 ˚C)
I
V
˚C
60
T
j
100
OHL03513
blue
0.6
0.8
1.0
1.2
1.4
1.6
true green
red
I
OHL02527
505
dom
λ
0
mA
nm
20
40
60
80
120
510
515
520
525
530
535
545
F
true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com