Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R8SF Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LTRB-R8SF
Description  SMD package with silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-R8SF Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LTRB-R8SF Datasheet HTML 9Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 10Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 11Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 12Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 13Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 14Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 15Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 16Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Version 1.3
LTRB R8SF
2017-11-15
13
Relative Lichtstärke
8) Seite 21
Relative Luminous Intensity
8) page 21
I
V/IVgroup = f (IF/IFgroup); TS = 25 °C
Relative Lichtstärke
8) Seite 21
Relative Luminous Intensity
8) page 21
I
V/IV(25°C) = f (T
j); IF = IFgroup
Farbortverschiebung
8) Seite 21
Chromaticity Coordinate Shift
8) page 21
Cx, Cy =
f (I
F/IFgroup); TS = 25 °C
Farbortverschiebung
8) Seite 21
Chromaticity Coordinate Shift
8) page 21
Cx, Cy =
f (T
j); IF = IFgroup
LTRB R8SF
IF
0,0
0,5
1,0
1,5
2,0
IV
IV ( group)
F
group
F
I
I
19TB1-4085
-40
-20
0
20406080
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Iv
Iv(25°C)
LTRB R8SF
IF
0,22
0,24
0,26
0,28
Cx
Cy
: Cx
: Cy
IF group
19TC-4085
-40
-20
0
20406080
Tj [°C]
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com