Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R8SF Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LTRB-R8SF
Description  SMD package with silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-R8SF Datasheet(HTML) 4 Page - OSRAM GmbH

  LTRB-R8SF Datasheet HTML 1Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 2Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 3Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 4Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 5Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 6Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 7Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 8Page - OSRAM GmbH LTRB-R8SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2017-11-15
4
Version 1.3
LTRB R8SF
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Dominantwellenlänge
3) Seite 21
(typ.)
Dominant wavelength
3) page 21
I
F = 20 mA
dom
625
528
463
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 20 mA

18
33
25
nm
Helligkeit
1) Seite 21
(typ.)
Brightness
1) page 21
I
F =20 mA
V
0.72
1.10
0.36
cd
Helligkeit
1) Seite 21
(min.)
Brightness
1) page 21
(typ.)
I
F =17 mA (red)/25 mA (true green)/
(max.)
15 mA (blue)
V
V
V
1.59
2.2
2.5
cd
cd
cd
Durchlassspannung
5) Seite 21
(min.)
Forward voltage
5) page 21
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.8
2.1
2.4
2.9
3.3
3.7
2.9
3.3
3.7
V
V
V
Sperrstrom
(max.)
Reverse current
V
R = 5 V (blue / true green); 12 V (red)
I
R
10
0.5
0.5
A
Wärmewiderstand Sperrschicht/Umgebung
7) Seite 21
Thermal resistance junction/ambient
7) page 21
alle Chips betrieben / all chips operating
(max.)
R
th JA real
790*
K/W
Wärmewiderstand Sperrschicht/Lötpad
Thermal resistance Junction/Solder Point
alle Chips betrieben / all chips operating
(max.)
R
th JS real
470*
K/W
*R
th(max) basiert auf statistischen Werten
*R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com