Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6719 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6719
Description  100V Linear Bias Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6719 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6719 Datasheet HTML 1Page - Renesas Technology Corp ISL6719 Datasheet HTML 2Page - Renesas Technology Corp ISL6719 Datasheet HTML 3Page - Renesas Technology Corp ISL6719 Datasheet HTML 4Page - Renesas Technology Corp ISL6719 Datasheet HTML 5Page - Renesas Technology Corp ISL6719 Datasheet HTML 6Page - Renesas Technology Corp ISL6719 Datasheet HTML 7Page - Renesas Technology Corp ISL6719 Datasheet HTML 8Page - Renesas Technology Corp ISL6719 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL6719
FN6555 Rev 2.00
Page 4 of 9
July 15, 2014
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VPWR . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to + 105V
AUXIN, VSW_FB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to + 40V
COMPB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to + 30V
VSW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to + 25V
All Others . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to + 6.0V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . 18VDC to 80VDC
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
9 Ld DFN (Notes 4, 5). . . . . . . . . . . . . . . . . .
54
2.8
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2
and “Typical Application” on page 3. 17V < VPWR < 100V, CVSW = 1µF, IVSW = -3mA, VSW Enabled, TA = -40°C to +105°C (Note 7), Typical values are at
TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
SUPPLY VOLTAGE (VPWR)
Supply Voltage
100
V
Start-Up Current (IVPWR)
VPWR = 12V
250
450
µA
Operating Current (IVPWR)
VSW Enabled, VPWR = 100V, VSW = 10V, 20V,
IVPWR - IVSW
1.1
2.0
mA
VSW Disabled, VPWR = 100V,
1.1
2.0
mA
AUXIN Biased at 40V, VSW Enabled,
VPWR = 100V, VSW = 10V, 20V,
IVSW = -100mA
1.1
2.0
mA
UVLO START Threshold
VSW Disabled
13.0
16.5
V
UVLO STOP Threshold
VSW Disabled
12.0
15.0
V
Hysteresis
UVLO START - UVLO STOP
0.8
1.2
1.7
V
AUXILIARY VOLTAGE (AUXIN)
Maximum Bias
VPWR = 17V, 100V
40
V
OUTPUT VOLTAGE (VSW)
Load Capacitance Range
(Note 9)
0.47
1.0
1.5
µF
Overall Accuracy
VPWR = 18V, 100V, VSW = 5V, 10V, 12V
AUXIN = 15V, IVSW = -3mA to -100mA
-5
+5
%
Setpoint Range
VPWR = 100V, AUXIN = 30V
1.55
20
V
Reference
VSW_FB = VSW
1.45
1.50
1.55
V
Source Voltage Headroom (AUXIN - VSW)
VPWR = 17V, VSW = 10V, IAUXIN = 0.95*IVSW
IVSW = -100mA
1.8
3.0
V
IVSW = -50mA
1.4
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com