Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6719 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6719
Description  100V Linear Bias Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6719 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6719 Datasheet HTML 1Page - Renesas Technology Corp ISL6719 Datasheet HTML 2Page - Renesas Technology Corp ISL6719 Datasheet HTML 3Page - Renesas Technology Corp ISL6719 Datasheet HTML 4Page - Renesas Technology Corp ISL6719 Datasheet HTML 5Page - Renesas Technology Corp ISL6719 Datasheet HTML 6Page - Renesas Technology Corp ISL6719 Datasheet HTML 7Page - Renesas Technology Corp ISL6719 Datasheet HTML 8Page - Renesas Technology Corp ISL6719 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISL6719
FN6555 Rev 2.00
Page 5 of 9
July 15, 2014
Source Voltage Headroom (VPWR - VSW)
VSW = 20V, AUXIN = 0V
IVSW = -100mA
6.2
V
IVSW = -50mA
5.2
V
Minimum Required Load
-3
mA
Maximum VOUT, Faulted VSW_FB
VSW_FB = 0V, VPWR = 100V, AUXIN = 40V
21
25
V
Long Term Stability
TA = +125°C, 1000 hours (Note 8),
VPWR = 48V, VSW = 10V, IVSW = -10mA,
AUXIN = 15V
0.3
%
Operational Current (source)
VPWR = 48V, AUXIN = 17V, VSW = 15V
-100
mA
Current Limit
VPWR = 48V, AUXIN = 15V, VSW = 10V
-100
-230
-400
mA
VSW_FB Bias Current
VPWR = 100V, AUXIN = 40V, VSW = 10V,
VSW_FB = 1.5V
-0.5
1.5
µA
COMPA, COMPB Recommended
Capacitance
(Note 9)
170
220
270
pF
COMPA Voltage
0.7
V
COMPB Voltage
VSW + 5.0
V
ENABLE, ENABLE_N
High Level Input Voltage (VIH)
VPWR = 48V, AUXIN = 0V
2.5
3.0
3.6
V
Low Level Input Voltage (VIL)
VPWR = 48V, AUXIN = 0V
1.6
2.0
2.5
V
Hysteresis
VPWR = 48V, AUXIN = 0V
0.7
1.0
1.3
V
Pull-Up Resistance
VENABLE = VN_ENABL = 0V
-
100
-
kΩ
Turn-On Delay
TVSW, 10% - TENABLE, TVSW,10% - TENABLE_N,
IVSW = -3mA
25
µs
Turn-Off Delay
TVSW, 10% - TENABLE, TVSW,10% - TENABLE_N,
IVSW = -50mA
40
µs
THERMAL PROTECTION
Thermal Shutdown
150
°C
Thermal Shutdown Clear
95
°C
Hysteresis
55
°C
NOTE:
7. Specifications at -40°C and +105°C are guaranteed by +25°C test with margin limits.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and
are not production tested.
9. Limits established by characterization and are not production tested.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2
and “Typical Application” on page 3. 17V < VPWR < 100V, CVSW = 1µF, IVSW = -3mA, VSW Enabled, TA = -40°C to +105°C (Note 7), Typical values are at
TA = +25°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com