Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6719 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6719
Description  100V Linear Bias Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6719 Datasheet(HTML) 8 Page - Renesas Technology Corp

  ISL6719 Datasheet HTML 1Page - Renesas Technology Corp ISL6719 Datasheet HTML 2Page - Renesas Technology Corp ISL6719 Datasheet HTML 3Page - Renesas Technology Corp ISL6719 Datasheet HTML 4Page - Renesas Technology Corp ISL6719 Datasheet HTML 5Page - Renesas Technology Corp ISL6719 Datasheet HTML 6Page - Renesas Technology Corp ISL6719 Datasheet HTML 7Page - Renesas Technology Corp ISL6719 Datasheet HTML 8Page - Renesas Technology Corp ISL6719 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ISL6719
FN6555 Rev 2.00
Page 8 of 9
July 15, 2014
Figure 6 depicts the transient response of VSW during a 10mA
to 100mA step load when AUXIN is set to 15V and VPWR is set
to 18V.
VPWR
VPWR provides the source voltage for the IC and load until
AUXIN is back biased. VSW is disabled and the IC operates in a
standby (low power consumption) mode when UVLO is active.
If the application requires high currents or longer start-up
times than the thermal protection allows, the device
dissipation may be reduced by adding a resistor or resistors in
series between the input voltage and VPWR. The dropping
resistance must be selected such that VPWR remains above
the UVLO threshold of VPWR and at least 6.2V greater than
VSW under maximum load and minimum input voltage to
maintain regulation.
ENABLE, ENABLE_N
The ENABLE and ENABLE_N are complementary inputs used to
turn VSW on and off. Both polarities of the enable function are
provided to ease the interface to the application. The VSW may
be enabled by either ENABLE or ENABLE_N, but both inputs
must be logically false to disable the output. Each enable input
has a nominal 100k
 pull-up resistor to 5V.
The inputs can accept voltages up to 6V maximum down to
0.3V below signal ground. Voltages beyond these limits,
including transients, may cause permanent damage to the
device. Care should be taken when connecting signal sources
through long connections or if significant ground shift could
occur between the source and the input. In such
circumstances, it is recommended that appropriate clamping
networks be used to prevent possible electrical overstress.
Over-Temperature Protection
The ISL6719 has an over-temperature shutdown mechanism
to protect the device from excessive dissipation. The VSW
shutdown occurs approximately at +150°C. The hysteresis is
large so that the IC has sufficient time to operate at start-up
loading levels without re-triggering the over-temperature
protection.
FIGURE 6. VSW TRANSIENT RESPONSE, 10mA TO 100mA STEP,
VPWR = 18V, AUXIN = 15V, VSW = 12V
TRACE 1: VSW
TRACE 2: IVSW
FIGURE 7. ADDING DROPPING RESISTORS TO VPWR
VIN
1
COMPB
2
5
7
8
9
3
4
6
COMPA
ENABLE
ENABLE
_N
GND
VPWR
AUXIN
VSW
VSW_FB
TABLE 1. ENABLE, ENABLE_N TRUTH TABLE
INPUTS
OUTPUT
ENABLE
ENABLE_N
VSW
00
ON
01
OFF
10
ON
11
ON



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com