Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6719 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6719
Description  100V Linear Bias Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6719 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ISL6719 Datasheet HTML 1Page - Renesas Technology Corp ISL6719 Datasheet HTML 2Page - Renesas Technology Corp ISL6719 Datasheet HTML 3Page - Renesas Technology Corp ISL6719 Datasheet HTML 4Page - Renesas Technology Corp ISL6719 Datasheet HTML 5Page - Renesas Technology Corp ISL6719 Datasheet HTML 6Page - Renesas Technology Corp ISL6719 Datasheet HTML 7Page - Renesas Technology Corp ISL6719 Datasheet HTML 8Page - Renesas Technology Corp ISL6719 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ISL6719
FN6555 Rev 2.00
Page 6 of 9
July 15, 2014
Pin Descriptions
VPWR
VPWR is the power connection for the IC. UVLO
enables/disables the output and places the device into a
standby mode even if AUXIN is externally biased.
To optimize noise immunity, bypass VPWR to GND with a
ceramic capacitor as close to the VPWR and GND pins as
possible.
AUXIN
This is the input for an external bias source typically provided
by an auxiliary transformer winding. This input is not required
and may be grounded or left open. Maximum input bias is 40V.
ENABLE
The positive logic on/off control input. A logic high enables
VSW. Asserting this signal low turns off VSW. ENABLE and
ENABLE_N are logically ORed. Either signal can enable VSW,
but both must be false to disable VSW.
ENABLE_N
The negative logic on/off control input. A logic low enables
VSW. Asserting this signal high turns off VSW. ENABLE and
ENABLE_N are logically ORed. Either signal can enable VSW,
but both must be false to disable VSW.
GND
Signal and power ground connections for this device.
VSW
This is the switched regulated low voltage output supply that is
derived from VPWR or AUXIN. Its output is adjustable from
1.5V to 20V using an appropriate divider from VSW to VSW_FB.
Protection circuitry prevents the output from exceeding 25V in
the event of a fault on VSW_FB (short high or low). The
minimum output current capability is 100mA. VSW requires a
minimum load of 3mA.
VSW_FB
The feedback pin for VSW. A divider from VSW to ground sets
feedback for VSW and determines the output voltage.
Typical Performance Curves
FIGURE 1. VPWR - VSW vs IVSW @ AUXIN = 0V, +25°C
FIGURE 2. AUXIN - VSW vs IVSW @ VPWR = 17V, +25°C
FIGURE 3. VSW REGULATION vs TEMPERATURE @ VPWR = 100V,
IVSW = 3mA
FIGURE 4. VSW REGULATION vs LOAD @ VPWR = 18V,
AUXIN = 15V, +25°C
0
20
40
60
80
100
3.0
3.5
4.0
4.5
5.0
5.5
VSW CURRENT (mA)
0
20
40
60
80
100
1.0
1.5
2.0
2.5
VSW CURRENT (mA)
-40
-25
-10
5
20
35
50
65
80
95
110
0.997
0.998
0.999
1.000
1.001
1.002
VSW = 1.5V, AUXIN = 15V
TEMPERATURE (°C)
VSW = 5V, AUXIN = 15V
VSW = 20V, AUXIN = 30V
VSW = 12V, AUXIN = 15V
VSW = 15V, AUXIN = 30V
0
10
20
30
40
50
60
70
80
90
100
0.9990
0.9995
1.0000
1.0005
1.0010
VSW = 12V
LOAD (mA)
VSW = 10V
VSW = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com