Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68134IRAZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 33 of 50
Jun 19, 2017
VIN_UV_FAULT_LIMIT (59h)
Definition: Sets the VIN undervoltage fault threshold. Also referred to as Undervoltage Lockout (UVLO). Changes to this setting require a
write to the APPLY_SETTINGS command before the change will take effect.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 1F40h (8,000mV)
Units: mV
Equation: VIN_UV_FAULT_LIMIT = (Direct value)
Range: 0mV to 16,000mV
IIN_OC_FAULT_LIMIT (5Bh)
Definition: Sets the IIN overcurrent fault threshold. Changes to this setting require a write to the APPLY_SETTINGS command before the
change will take effect.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 0032h (50A)
Units: A
Equation: IIN_OC_FAULT_LIMIT = (Direct value)
Range: 0A to 50A
COMMAND
VIN_UV_FAULT_LIMIT (59h)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Unsigned Integer
Default Value
0
00
11
111
01
00
000
0
COMMAND
IIN_OC_FAULT_LIMIT (5Bh)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Unsigned Integer
Default Value
0
00
00
000
00
11
001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com